データシートサーチシステム |
|
1PS76SB70 データシート(PDF) 7 Page - NXP Semiconductors |
|
1PS76SB70 データシート(HTML) 7 Page - NXP Semiconductors |
7 / 20 page BAS70_1PS7XSB70_SER_8 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. Product data sheet Rev. 08 — 4 May 2006 7 of 20 Philips Semiconductors BAS70 series; 1PS7xSB70 series General-purpose Schottky diodes (1) Tamb = 125 °C (2) Tamb =85 °C (3) Tamb =25 °C (4) Tamb = −40 °C (1) Tamb = 125 °C (2) Tamb =85 °C (3) Tamb =25 °C Fig 1. Forward current as a function of forward voltage; typical values Fig 2. Reverse current as a function of reverse voltage; typical values f = 10 kHz Tamb =25 °C; f = 1 MHz Fig 3. Differential forward resistance as a function of forward current; typical values Fig 4. Diode capacitance as a function of reverse voltage; typical values 10 0 0.2 0.4 0.6 0.8 1 1 IF (mA) VF (V) mra803 (1) (4) (2) (3) 102 10−1 10−2 mra805 1 10 102 0 20406080 VR (V) IR ( µA) (1) (3) (2) 10−1 10−2 10−3 10 1 110 rdif ( Ω) IF (mA) mra802 10−1 102 102 103 0 0.5 1 1.5 2 0 204060 80 mra804 Cd (pF) VR (V) |
同様の部品番号 - 1PS76SB70 |
|
同様の説明 - 1PS76SB70 |