データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST16C2550 データシート(PDF) 5 Page - Exar Corporation

部品番号 ST16C2550
部品情報  2.97V TO 5.5V DUART WITH 16-BYTE FIFO
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXAR [Exar Corporation]
ホームページ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2550 データシート(HTML) 5 Page - Exar Corporation

  ST16C2550 Datasheet HTML 1Page - Exar Corporation ST16C2550 Datasheet HTML 2Page - Exar Corporation ST16C2550 Datasheet HTML 3Page - Exar Corporation ST16C2550 Datasheet HTML 4Page - Exar Corporation ST16C2550 Datasheet HTML 5Page - Exar Corporation ST16C2550 Datasheet HTML 6Page - Exar Corporation ST16C2550 Datasheet HTML 7Page - Exar Corporation ST16C2550 Datasheet HTML 8Page - Exar Corporation ST16C2550 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
xr
ST16C2550
REV. 4.4.0
2.97V TO 5.5V DUART WITH 16-BYTE FIFO
5
TXRDYB#
-
12
6
O
UART channel B Transmitter Ready (active low). The out-
put provides the TX FIFO/THR status for transmit channel
B. See Table 2. If it is not used, leave it unconnected.
RXRDYB#
-
23
18
O
UART channel B Receiver Ready (active low). This out-
put provides the RX FIFO/RHR status for receive channel
B. See Table 2. If it is not used, leave it unconnected.
MODEM OR SERIAL I/O INTERFACE
TXA
11
13
7
O
UART channel A Transmit Data. If it is not used, leave it
unconnected.
RXA
10
11
5
I
UART channel A Receive Data. Normal receive data
input must idle at logic 1 condition. If it is not used, tie it to
VCC or pull it high via a 100k ohm resistor.
RTSA#
32
36
33
O
UART channel A Request-to-Send (active low) or general
purpose output. If it is not used, leave it unconnected.
CTSA#
36
40
38
I
UART channel A Clear-to-Send (active low) or general
purpose input. This input should be connected to VCC
when not used. This input has no effect on the UART.
DTRA#
33
37
34
O
UART channel A Data-Terminal-Ready (active low) or
general purpose output. If it is not used, leave it uncon-
nected.
DSRA#
37
41
39
I
UART channel A Data-Set-Ready (active low) or general
purpose input. This input should be connected to VCC
when not used. This input has no effect on the UART.
CDA#
38
42
40
I
UART channel A Carrier-Detect (active low) or general
purpose input. This input should be connected to VCC
when not used. This input has no effect on the UART.
RIA#
39
43
41
I
UART channel A Ring-Indicator (active low) or general
purpose input. This input should be connected to VCC
when not used. This input has no effect on the UART.
OP2A#
31
35
32
O
Output Port 2 Channel A - The output state is defined by
the user and through the software setting of MCR[3].
INTA is set to the active mode and OP2A# output to a
logic 0 when MCR[3] is set to a logic 1. INTA is set to the
three state mode and OP2A# to a logic 1 when MCR[3] is
set to a logic 0. See MCR[3]. This output should not be
used as a general output else it will disturb the INTA out-
put functionality. If it is not used at all, leave it uncon-
nected.
TXB
12
14
8
O
UART channel B Transmit Data. If it is not used, leave it
unconnected.
RXB
9
10
4
I
UART channel B Receive Data. Normal receive data
input must idle at logic 1 condition. If it is not used, tie it to
VCC or pull it high via a 100k ohm resistor.
RTSB#
24
27
22
O
UART channel B Request-to-Send (active low) or general
purpose output. If it is not used, leave it unconnected.
Pin Description
NAME
40-PDIP
PIN #
44-PLCC
PIN #
48-TQFP
PIN #
TYPE
DESCRIPTION


同様の部品番号 - ST16C2550

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
ST16C2550CJ44 EXAR-ST16C2550CJ44 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
ST16C2550CJ44 EXAR-ST16C2550CJ44 Datasheet
821Kb / 37P
   Up to 4 Mbps with external clock of 64 MHz
ST16C2550CP40 EXAR-ST16C2550CP40 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
ST16C2550CP40 EXAR-ST16C2550CP40 Datasheet
821Kb / 37P
   Up to 4 Mbps with external clock of 64 MHz
More results

同様の説明 - ST16C2550

メーカー部品番号データシート部品情報
logo
Exar Corporation
XR16C2550 EXAR-XR16C2550_07 Datasheet
688Kb / 37P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
XR16C2550 EXAR-XR16C2550 Datasheet
813Kb / 38P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16L2552IM-F EXAR-XR16L2552IM-F Datasheet
290Kb / 45P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XR16L2552 EXAR-XR16L2552 Datasheet
748Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com