データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST16C2552CJ44 データシート(PDF) 5 Page - Exar Corporation

部品番号 ST16C2552CJ44
部品情報  2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXAR [Exar Corporation]
ホームページ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2552CJ44 データシート(HTML) 5 Page - Exar Corporation

  ST16C2552CJ44 Datasheet HTML 1Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 2Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 3Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 4Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 5Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 6Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 7Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 8Page - Exar Corporation ST16C2552CJ44 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ST16C2552
5
REV. 4.2.1
2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
Pin type: I=Input, O=Output, I/O= Input/output, OD=Output Open Drain.
RIA#
43
I
UART channel A Ring-Indicator (active low) or general purpose input. This input
should be connected to VCC when not used. This input has no effect on the UART.
TXB
26
O
UART channel B Transmit Data. If it is not used, leave it unconnected.
RXB
25
I
UART channel B Receive Data. Normal receive data input must idle at logic 1 condi-
tion. If it is not used, tie it to VCC or pull it high via a 100k ohm resistor.
RTSB#
23
O
UART channel B Request-to-Send (active low) or general purpose output. If it is not
used, leave it unconnected.
CTSB#
28
I
UART channel B Clear-to-Send (active low) or general purpose input. This input
should be connected to VCC when not used. This input has no effect on the UART.
DTRB#
27
O
UART channel B Data-Terminal-Ready (active low) or general purpose output. If it is
not used, leave it unconnected.
DSRB#
29
I
UART channel B Data-Set-Ready (active low) or general purpose input. This input
should be connected to VCC when not used. This input has no effect on the UART.
CDB#
30
I
UART channel B Carrier-Detect (active low) or general purpose input. This input
should be connected to VCC when not used. This input has no effect on the UART.
RIB#
31
I
UART channel B Ring-Indicator (active low) or general purpose input. This input
should be connected to VCC when not used. This input has no effect on the UART.
ANCILLARY SIGNALS
XTAL1
11
I
Crystal or external clock input.
XTAL2
13
O
Crystal or buffered clock output.
RESET
21
I
Reset (active high) - A longer than 40 ns logic 1 pulse on this pin will reset the internal
registers and all outputs. The UART transmitter output will be held at logic 1, the
receiver input will be ignored and outputs are reset during reset period (see External
Reset Conditions).
VCC
44, 33
Pwr
3.3V to 5V power supply. All inputs are 5V tolerant for devices with top marking of
"A2 YYWW" and newer.
GND
22, 12
Pwr
Power supply common, ground.
Pin Description
NAME
44-PLCC
PIN #
TYPE
DESCRIPTION


同様の部品番号 - ST16C2552CJ44

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C2552CJ44 EXAR-ST16C2552CJ44 Datasheet
121Kb / 28P
   DUAL ASYNCHRONOUS RECEIVER/TRANSMITTER WITH FIFOs
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
More results

同様の説明 - ST16C2552CJ44

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C2552CJ44-F EXAR-ST16C2552CJ44-F Datasheet
760Kb / 34P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C2552 EXAR-ST16C2552 Datasheet
375Kb / 35P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16C2552 EXAR-XR16C2552 Datasheet
785Kb / 36P
   2.97V TO 5.5V DUAL UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com