データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST16C454 データシート(PDF) 7 Page - Exar Corporation

部品番号 ST16C454
部品情報  QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXAR [Exar Corporation]
ホームページ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C454 データシート(HTML) 7 Page - Exar Corporation

Back Button ST16C454 Datasheet HTML 3Page - Exar Corporation ST16C454 Datasheet HTML 4Page - Exar Corporation ST16C454 Datasheet HTML 5Page - Exar Corporation ST16C454 Datasheet HTML 6Page - Exar Corporation ST16C454 Datasheet HTML 7Page - Exar Corporation ST16C454 Datasheet HTML 8Page - Exar Corporation ST16C454 Datasheet HTML 9Page - Exar Corporation ST16C454 Datasheet HTML 10Page - Exar Corporation ST16C454 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ST16C454
7
Rev. 3.31
-CD A-B
9,27
-CD C-D
43,61
I
Carrier Detect (active low) - These inputs are associated with
individual UART channels A through D. A logic 0 on this pin indicates
that a carrier has been detected by the modem for that channel.
-CTS A-B
11,25
-CTS C-D
45,59
I
Clear to Send (active low) - These inputs are associated with
individual UART channels, A through D. A logic 0 on the -CTS pin
indicates the modem or data set is ready to accept transmit data
from the 454. Status can be tested by reading MSR bit-4.
-DSR A-B
10,26
-DSR C-D
44,60
I
Data Set Ready (active low) - These inputs are associated with
individual UART channels, A through D. A logic 0 on this pin
indicates the modem or data set is powered-on and is ready for
data exchange with the UART. This pin has no effect on the
UART’s transmit or receive operation. This pin has no effect on the
UART’s transmit or receive operation.
-DTR A-B
12,24
-DTR C-D
46,58
O
Data Terminal Ready (active low) - These inputs are associated
with individual UART channels, A through D. A logic 0 on this pin
indicates that the 454 is powered-on and ready. This pin can be
controlled via the modem control register. Writing a logic 1 to MCR
bit-0 will set the -DTR output to logic 0, enabling the modem. This
pin will be a logic 1 after writing a logic 0 to MCR bit-0. This pin has
no effect on the UART’s transmit or receive operation.
-RI A-B
8,28
-RI C-D
42,62
I
Ring Indicator (active low) - These inputs are associated with
individual UART channels, A through D. A logic 0 on this pin
indicates the modem has received a ringing signal from the
telephone line. A logic 1 transition on this input pin will generate an
interrupt.
-RTS A-B
14,22
-RTS C-D
48,56
O
Request to Send (active low) - These outputs are associated with
individual UART channels, A through D. A logic 0 on the -RTS pin
indicates the transmitter has data ready and waiting to send.
Writing a logic 1 in the modem control register (MCR bit-1) will set
this pin to a logic 0 indicating data is available. After a reset this pin
will be set to a logic 1. This pin has no effect on the UART’s transmit
Symbol
Pin
Signal
Pin Description
type
SYMBOL DESCRIPTION


同様の部品番号 - ST16C454

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C454 EXAR-ST16C454 Datasheet
378Kb / 30P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
ST16C454CJ68 EXAR-ST16C454CJ68 Datasheet
378Kb / 30P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
ST16C454IJ68 EXAR-ST16C454IJ68 Datasheet
378Kb / 30P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
More results

同様の説明 - ST16C454

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C454 EXAR-ST16C454 Datasheet
378Kb / 30P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
   Universal Asynchronous Receiver Transmitter(UART)
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
Exar Corporation
ST16C450 EXAR-ST16C450 Datasheet
182Kb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
List of Unclassifed Man...
COM8017 ETC-COM8017 Datasheet
553Kb / 8P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART
logo
NXP Semiconductors
SCC2691 PHILIPS-SCC2691 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
logo
IMP, Inc
IMP16C554 IMP-IMP16C554 Datasheet
510Kb / 20P
   Quad Universal Asynchronous Receiver/Transmitter (UART) with FIFOs
logo
Intersil Corporation
CDP1854A INTERSIL-CDP1854A Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
HD-6402 INTERSIL-HD-6402 Datasheet
154Kb / 7P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Harris Corporation
HD6402 HARRIS-HD6402 Datasheet
100Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com