データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST16C454CJ68 データシート(PDF) 9 Page - Exar Corporation

部品番号 ST16C454CJ68
部品情報  QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXAR [Exar Corporation]
ホームページ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C454CJ68 データシート(HTML) 9 Page - Exar Corporation

Back Button ST16C454CJ68 Datasheet HTML 5Page - Exar Corporation ST16C454CJ68 Datasheet HTML 6Page - Exar Corporation ST16C454CJ68 Datasheet HTML 7Page - Exar Corporation ST16C454CJ68 Datasheet HTML 8Page - Exar Corporation ST16C454CJ68 Datasheet HTML 9Page - Exar Corporation ST16C454CJ68 Datasheet HTML 10Page - Exar Corporation ST16C454CJ68 Datasheet HTML 11Page - Exar Corporation ST16C454CJ68 Datasheet HTML 12Page - Exar Corporation ST16C454CJ68 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
ST16C454
9
Rev. 3.31
GENERAL DESCRIPTION
The 454 provides serial asynchronous receive data
synchronization, parallel-to-serial and serial-to-parallel
data conversions for both the transmitter and receiver
sections. These functions are necessary for converting
the serial data stream into parallel data that is required
with digital data systems. Synchronization for the serial
data stream is accomplished by adding start and stops
bits to the transmit data to form a data character
(character orientated protocol). Data integrity is insured
by attaching a parity bit to the data character. The parity
bit is checked by the receiver for any transmission bit
errors. The electronic circuitry to provide all these
functions is fairly complex especially when manufac-
tured on a single integrated silicon chip. The ST16C454
represents such an integration with greatly enhanced
features. The 454 is fabricated with an advanced CMOS
process to achieve low drain power and high speed
requirements.
The 454 combines the package interface modes of the
ST16C454 and ST68C454 series on a single inte-
grated chip. The 16 mode interface is designed to
operate with the Intel type of microprocessor bus while
the 68 mode is intended to operate with Motorola, and
other popular microprocessors.
The 454 is capable of operation to 1.5Mbps with a 24
MHz crystal or external clock input. With a crystal of
14.7464 MHz, the user can select data rates up to
921.6Kbps.
The rich feature set of the 454 is available through
internal registers. Selectable TX and RX baud rates,
modem interface controls. In the 16 mode INTSEL
and MCR bit-3 can be configured to provide a software
controlled or continuous interrupt capability.
FUNCTIONAL DESCRIPTIONS
Interface Options
Two user interface modes are selectable for the 454
package. These interface modes are designated as
the “16 mode” and the “68 mode.” This nomenclature
corresponds to the early ST16C454 and ST68C454
package interfaces respectively.
The 16 Mode Interface
The 16 mode configures the package interface pins for
connection as a standard 16 series (Intel) device and
operates similar to the standard CPU interface avail-
able on the ST16C454. In the 16 mode (pin 16/-68 logic
1) each UART is selected with individual chip select (-
CSx) pins as shown in Table 2 below.
Table 2, SERIAL PORT CHANNEL SELECTION
GUIDE, 16 MODE INTERFACE
-CSA
-CSB
-CSC
-CSD
UART
CHANNEL
1
1
1
1
None
0111
A
1011
B
1101
C
1110
D
The 68 Mode Interface
The 68 mode configures the package interface pins for
connection with Motorola, and other popular micro-
processor bus types. The interface operates similar to
the ST68C454. In this mode the 454 decodes two
additional addresses, A3-A4 to select one of the four
UART ports. The A3-A4 address decode function is
used only when in the 68 mode (16/-68 logic 0), and is
shown in Table 3 below.
Table 3, SERIAL PORT CHANNEL SELECTION
GUIDE, 68 MODE INTERFACE
-CS
A4
A3
UART
CHANNEL
1
N/A
N/A
None
000
A
001
B
010
C
011
D


同様の部品番号 - ST16C454CJ68

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C454CJ68 EXAR-ST16C454CJ68 Datasheet
378Kb / 30P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
More results

同様の説明 - ST16C454CJ68

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C454 EXAR-ST16C454 Datasheet
378Kb / 30P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
   Universal Asynchronous Receiver Transmitter(UART)
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
Exar Corporation
ST16C450 EXAR-ST16C450 Datasheet
182Kb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
List of Unclassifed Man...
COM8017 ETC-COM8017 Datasheet
553Kb / 8P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART
logo
NXP Semiconductors
SCC2691 PHILIPS-SCC2691 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
logo
IMP, Inc
IMP16C554 IMP-IMP16C554 Datasheet
510Kb / 20P
   Quad Universal Asynchronous Receiver/Transmitter (UART) with FIFOs
logo
Intersil Corporation
CDP1854A INTERSIL-CDP1854A Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
HD-6402 INTERSIL-HD-6402 Datasheet
154Kb / 7P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Harris Corporation
HD6402 HARRIS-HD6402 Datasheet
100Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com