データシートサーチシステム |
|
SP200 データシート(PDF) 3 Page - Sipex Corporation |
|
SP200 データシート(HTML) 3 Page - Sipex Corporation |
3 / 16 page 3 Date:05/26/2005 +5V High-Speed RS232 Transceivers © Copyright 2005 Sipex Corporation V CC at nominal ratings; 0.1µF charge pump capacitors; TMIN to TMAX, unless otherwise noted. PARAMETER MIN. TYP. MAX. UNIT CONDITIONS POWER REQUIREMENTS V CC SP200, P207 and SP207B 4.75 5.00 5.25 Volts All other parts 4.50 5.00 5.50 Volts I CC T A = +25°C 410mA No load; V CC = ±10% 20 mA All transmitters R L = 3kΩ Shutdown Current 1 10 µAT A = +25°C ENVIRONMENTAL AND MECHANICAL Operating Temperature Commercial, –C 0 +70 °C Extended, –E –40 +85 °C Storage Temperature –65 +125 °C Package –A Shrink (SSOP) small outline –T Wide (SOIC) small outline Receiver Output Transmitter Output R L=3kΩ, CL=2,500pF Transmitter Output R L=3kΩ, CL=5,000pF ELECTRICAL CHARACTERISTICS |
同様の部品番号 - SP200_05 |
|
同様の説明 - SP200_05 |