データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB1020 データシート(PDF) 3 Page - Won-Top Electronics

部品番号 SB1020
部品情報  10A SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WTE [Won-Top Electronics]
ホームページ  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB1020 データシート(HTML) 3 Page - Won-Top Electronics

  SB1020_06 Datasheet HTML 1Page - Won-Top Electronics SB1020_06 Datasheet HTML 2Page - Won-Top Electronics SB1020_06 Datasheet HTML 3Page - Won-Top Electronics SB1020_06 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SB1020 – SB10100
3 of 4
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Tube Size
L x W x H (mm)
Quantity
(PCS)
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
525 x 31 x 6
50
555 x 145 x 95
2,000
572 x 306 x 218
8,000
19.0
RECOMMENDED SCREW MOUNTING ARRANGEMENT
Note: 1. Anti-static tube, water clear color.
BULK
WTE
= Manufacturer’s Logo
SB10xx
= Device Number
xx
= 20, 30, 40, 45, 50, 60, 80 or 100
Polarity
= As Marked on Body
Plain Washer
Insulating Bushing
Rectifier
Insulator
Heatsink
Compression Washer
4-40 HEX Nut
Recommended isolated mounting when
screw is at heatsink potential. 4-40
hardware is used.
Screw should not be tightened with any
type of air-forced torque or equipment
that may cause high impact on device
package. The insulating bushing inside
the mounting hole will insure the screw
threads do not contact the metal base.
The interface should apply a layer of
thermal grease or a highly conductive
thermal pad for better heat dissipation.
4-40 PAN or HEX Head Screw
WTE
SB10xx


同様の部品番号 - SB1020_06

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
SB1020 PANJIT-SB1020_05 Datasheet
425Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

同様の説明 - SB1020_06

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
SBL1030 DIODES-SBL1030 Datasheet
65Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
MBRB10200CT DIODES-MBRB10200CT_15 Datasheet
463Kb / 6P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SB1020FCT YEASHIN-SB1020FCT Datasheet
1Mb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
SB1020 YEASHIN-SB1020 Datasheet
757Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
SB1020F YEASHIN-SB1020F Datasheet
776Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
SBL1060CT DYELEC-SBL1060CT Datasheet
1Mb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB1020F WTE-SB1020F_06 Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR1040 KERSEMI-MBR1040 Datasheet
428Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR1040C UTC-MBR1040C Datasheet
128Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR1030 DIODES-MBR1030 Datasheet
56Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23009 Rev. G-2
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com