データシートサーチシステム |
|
SB1060DC データシート(PDF) 3 Page - Won-Top Electronics |
|
SB1060DC データシート(HTML) 3 Page - Won-Top Electronics |
3 / 4 page SB1020DC – SB10100DC 3 of 4 © 2006 Won-Top Electronics MARKING INFORMATION RECOMMENDED FOOTPRINT PACKAGING INFORMATION Reel Diameter (mm) Quantity (PCS) Inner Box Size L x W x H (mm) Quantity (PCS) Carton Size L x W x H (mm) Quantity (PCS) Approx. Gross Weight (KG) 330 800 340 x 337 x 45 800 370 x 370 x 420 6,400 15.0 inches(mm) Product ID Label Direction of Unreeling 4mm 1.6mm Note: 1. Paper reel, white or gray color. 2. Components are packed in accordance with EIA standard 481-1 and 481-2. TAPE & REEL 330mm 24mm 16mm 0.24 (6.096) 0.33 (8.38) 0.12 (3.05) 0.42 (10.66) 0.04 (1.016) 0.08 (2.032) 0.63 (17.02) WTE SB10xxDC WTE = Manufacturer’s Logo SB10xxDC = Device Number xx = 20, 30, 40, 45, 50, 60, 80 or 100 Polarity = As Marked on Body 24mm |
同様の部品番号 - SB1060DC |
|
同様の説明 - SB1060DC |