データシートサーチシステム |
|
SA110 データシート(PDF) 1 Page - Won-Top Electronics |
|
SA110 データシート(HTML) 1 Page - Won-Top Electronics |
1 / 6 page SA5.0 – SA170CA 1 of 6 © 2006 Won-Top Electronics Pb SA5.0 – SA170CA 500W TRANSIENT VOLTAGE SUPPRESSOR Features ! Glass Passivated Die Construction ! 500W Peak Pulse Power Dissipation ! 5.0V – 170V Standoff Voltage A B A ! Uni- and Bi-Directional Versions Available ! Excellent Clamping Capability ! Fast Response Time ! Plastic Case Material has UL Flammability Classification Rating 94V-O C D Mechanical Data ! Case: DO-15, Molded Plastic ! Terminals: Axial Leads, Solderable per MIL-STD-202, Method 208 ! Polarity: Cathode Band Except Bi-Directional ! Marking: Type Number ! Weight: 0.40 grams (approx.) ! Lead Free: For RoHS / Lead Free Version, Add “-LF” Suffix to Part Number, See Page 6 “C” Suffix Designates Bi-directional Devices “A” Suffix Designates 5% Tolerance Devices No Suffix Designates 10% Tolerance Devices Maximum Ratings and Electrical Characteristics @T A=25°C unless otherwise specified Characteristic Symbol Value Unit Peak Pulse Power Dissipation at TA = 25°C (Note 1, 2, 5) Figure 3 PPPM 500 Minimum W Peak Forward Surge Current (Note 3) IFSM 70 A Peak Pulse Current on 10/1000µS Waveform (Note 1) Figure 1 IPPM See Table 1 A Steady State Power Dissipation (Note 2, 4) PM(AV) 1.0 W Operating and Storage Temperature Range Tj, TSTG -65 to +175 °C Note: 1. Non-repetitive current pulse per Figure 1 and derated above TA = 25°C per Figure 4. 2. Mounted on 40mm2 copper pad. 3. 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum. 4. Lead temperature at 75°C. 5. Peak pulse power waveform is 10/1000µS. WTE POWER SEMICONDUCTORS DO-15 Dim Min Max A 25.4 — B 5.50 7.62 C 0.71 0.864 D 2.60 3.60 All Dimensions in mm |
同様の部品番号 - SA110 |
|
同様の説明 - SA110 |