データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1023 データシート(PDF) 4 Page - NXP Semiconductors

部品番号 TDA1023
部品情報  Proportional-control triac triggering circuit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1023 データシート(HTML) 4 Page - NXP Semiconductors

  TDA1023 Datasheet HTML 1Page - NXP Semiconductors TDA1023 Datasheet HTML 2Page - NXP Semiconductors TDA1023 Datasheet HTML 3Page - NXP Semiconductors TDA1023 Datasheet HTML 4Page - NXP Semiconductors TDA1023 Datasheet HTML 5Page - NXP Semiconductors TDA1023 Datasheet HTML 6Page - NXP Semiconductors TDA1023 Datasheet HTML 7Page - NXP Semiconductors TDA1023 Datasheet HTML 8Page - NXP Semiconductors TDA1023 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
May 1991
4
Philips Semiconductors
Product specification
Proportional-control triac triggering circuit
TDA1023/T
FUNCTIONAL DESCRIPTION
The TDA1023 generates pulses to trigger a triac. These
pulses coincide with the zero excursions of the mains
voltage, thus minimizing RF interference and mains supply
transients. In order to gate the load on and off, the trigger
pulses occur in bursts thus further reducing mains supply
pollution. The average power in the load is varied by
modifying the duration of the trigger pulse burst in
accordance with the voltage difference between the
control input CI and the reference input, either UR or BR.
Power supply: VCC, RX and Vz (pins 14, 16 and 11)
The TDA1023 is supplied from the AC mains via a resistor
RD to the RX connection (pin 16); the VEE connection (pin
13) is linked to the neutral line (see Fig.4a). A smoothing
capacitor CS should be coupled between the VCC and VEE
connections.
A rectifier diode is included between the RX and VCC
connections whilst the DC supply voltage is limited by a
chain of stabilizer diodes between the RX and VEE
connections (see Fig.3).
A stabilized reference voltage (VZ) is available at pin 11 to
power an external temperature sensing bridge.
Supply operation
During the positive mains half-cycles the current through
the external voltage dropping resistor RD charges the
external smoothing capacitor CS until RX attains the
stabilizing potential of the internal stabilizing diodes. RD
should be selected to be capable of supplying the current
ICC for the TDA1023, the average output current I3(AV),
recharge the smoothing capacitor CS and provide the
supply for an external temperature bridge. (see Figs 9 to
12). Any excess current is by-passed by the internal
stabilizer diodes. The maximum rated supply current,
however, must not be exceeded.
During the negative mains half-cycles external smoothing
capacitor CS supplies the sum of the current demand
described above. Its capacitance must be sufficiently high
to maintain the supply voltage above the specified
minimum.
Dissipation in resistor RD is halved by connecting a diode
in series (see Fig.4b and 9 to 12). A further reduction in
dissipation is possible by using a high quality dropping
capacitor CD in series with a resistor RSD (see Figs 4c and
14). Protection of the TDA1023 and the triac against
mains-borne transients can be provided by connecting a
suitable VDR across the mains input.
Control and reference inputs CI, BR and UR
(pins 6, 9 and 7)
For the control of room temperature (5
°C to 30 °C)
optimum performance is obtained by using the translation
circuit. The buffered reference input BR (pin 9) is used as
a reference input whilst the output reference buffer QR (pin
8) is connected to the unbuffered reference input UR
(pin 7). This ensures that the range of room temperature is
encompassed in most of the rotation of the potentiometer
to give a linear temperature scale with accurate setting.
Should the translation circuit not be required, the
unbuffered reference input UR (pin 7) is used as a
reference input. The buffered reference input BR (pin 9)
must then be connected to the reference supply output VZ
(pin 11).
For proportional power control the unbuffered reference
input UR (pin 7) must be connected to the firing burst
repetition time control input TB (pin 12).The buffered
reference input BR (pin 9), which is in this instance
inactive, must then be connected to the reference supply
output VZ (pin 11).
Proportional range control input PR (pin 5)
The output duty factor changes from 0% to 100% by a
variation of 80 mV at the control input CI (pin 6) with the
proportional range control input PR open. For temperature
control this corresponds to a temperature difference of 1 K.
By connecting the proportional range control input PR
(pin 5) to ground the range may be increased to 400 mV,
i.e. 5 K. Intermediate values may be obtained by
connecting the PR input to ground via a resistor R5
(see Table 1).
Hysteresis control input HYS (pin 4)
With the hysteresis control input HYS (pin 4) open, the
device has a built-in hysteresis of 20 mV. For temperature
control this corresponds with 0.25 K.
Hysteresis is increased to 320 mV, corresponding to 4 K,
by grounding HYS (pin 4). Intermediate values are
obtained by connecting pin 4 via resistor R4 to ground.
Table 1 provides a set of values for R4 and R5 giving a
fixed ratio between hysteresis and proportional range.


同様の部品番号 - TDA1023

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1020 PHILIPS-TDA1020 Datasheet
69Kb / 9P
   12 W car radio power amplifier
November 1982
logo
List of Unclassifed Man...
TDA1022 ETC-TDA1022 Datasheet
351Kb / 10P
   BUCKET BRIGADE DELAY LINE FOR ANALOGUE SIGNALS
logo
NXP Semiconductors
TDA1024 PHILIPS-TDA1024 Datasheet
617Kb / 15P
   A MAIN-ZERO TRIAC-TRIGGERING CIRCUIT
jUNE 1976
logo
List of Unclassifed Man...
TDA1028 ETC-TDA1028 Datasheet
220Kb / 12P
   SIGNAL-SOURCES SWITCH
JANUARY 1980
logo
NXP Semiconductors
TDA1029 PHILIPS-TDA1029 Datasheet
235Kb / 16P
   Signal-sources switch
January 1980
More results

同様の説明 - TDA1023

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1024 PHILIPS-TDA1024 Datasheet
617Kb / 15P
   A MAIN-ZERO TRIAC-TRIGGERING CIRCUIT
jUNE 1976
logo
Festo Corporation.
VEAB-B-26-D13-F-V1-1R1 FESTO-VEAB-B-26-D13-F-V1-1R1 Datasheet
87Kb / 2P
   Proportional pressure control valve
VEAB-L-26-D15-Q4-A4-1R1 FESTO-VEAB-L-26-D15-Q4-A4-1R1 Datasheet
91Kb / 2P
   Proportional pressure control valve
557771 FESTO-557771 Datasheet
88Kb / 2P
   Proportional pressure control valve
1/21/22
8104664 FESTO-8104664 Datasheet
102Kb / 2P
   Proportional pressure control valve
1/27/22
8104670 FESTO-8104670 Datasheet
102Kb / 2P
   Proportional pressure control valve
1/27/22
8104673 FESTO-8104673 Datasheet
101Kb / 2P
   Proportional pressure control valve
1/27/22
151693 FESTO-151693 Datasheet
100Kb / 2P
   Proportional directional control valve
4/19/22
151694 FESTO-151694 Datasheet
99Kb / 2P
   Proportional directional control valve
4/19/22
VEAA-L-3-D11-Q4-V2-1R1 FESTO-VEAA-L-3-D11-Q4-V2-1R1 Datasheet
90Kb / 2P
   Proportional pressure control valve
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com