データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1023T データシート(PDF) 2 Page - NXP Semiconductors

部品番号 TDA1023T
部品情報  Proportional-control triac triggering circuit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1023T データシート(HTML) 2 Page - NXP Semiconductors

  TDA1023T Datasheet HTML 1Page - NXP Semiconductors TDA1023T Datasheet HTML 2Page - NXP Semiconductors TDA1023T Datasheet HTML 3Page - NXP Semiconductors TDA1023T Datasheet HTML 4Page - NXP Semiconductors TDA1023T Datasheet HTML 5Page - NXP Semiconductors TDA1023T Datasheet HTML 6Page - NXP Semiconductors TDA1023T Datasheet HTML 7Page - NXP Semiconductors TDA1023T Datasheet HTML 8Page - NXP Semiconductors TDA1023T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
May 1991
2
Philips Semiconductors
Product specification
Proportional-control triac triggering circuit
TDA1023/T
FEATURES
• Adjustable width of proportional range
• Adjustable hysteresis
• Adjustable width of trigger pulse
• Adjustable repetition timing of firing burst
• Control range translation facility
• Fail safe operation
• Supplied from the mains
• Provides supply for external temperature bridge
APPLICATIONS
• Panel heaters
• Temperature control
GENERAL DESCRIPTION
The TDA1023 is a bipolar integrated circuit for controlling
triacs in a proportional time or burst firing mode. Permitting
precise temperature control of heating equipment it is
especially suited to the control of panel heaters.
It generates positive-going trigger pulses but complies with
regulations regarding mains waveform distortion and RF
interference.
QUICK REFERENCE DATA
Note
1. Negative current is defined as conventional current flow out of a device. A negative output current is suited for
positive triac triggering.
ORDERING INFORMATION
Note
1. TDA1023: 16 DIL; plastic (SOT38); SOT38-1; 1996 November 27.
2. TDA1023T: 16 mini-pack; plastic (SO16; SOT109A); SOT109-1; 1996 November 27.
SYMBOL
PARAMETER
MIN. TYP.
MAX.
UNIT
VCC
supply voltage (derived from mains voltage)
13.7
V
VZ
stabilized supply voltage for temperature bridge
8
V
I16(AV)
supply current (average value)
10
mA
tw
trigger pulse width
200
−µs
Tb
firing burst repetition time at CT = 68 µF
41
s
-IOH(1)
output current
−−
150
mA
Tamb
operating ambient temperature range
−20
+75
°C
EXTENDED
TYPE NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA1023
16
DIL
plastic
SOT38(1)
TDA1023T
16
mini-pack
plastic
SO16; SOT109A(2)


同様の部品番号 - TDA1023T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1020 PHILIPS-TDA1020 Datasheet
69Kb / 9P
   12 W car radio power amplifier
November 1982
logo
List of Unclassifed Man...
TDA1022 ETC-TDA1022 Datasheet
351Kb / 10P
   BUCKET BRIGADE DELAY LINE FOR ANALOGUE SIGNALS
logo
NXP Semiconductors
TDA1024 PHILIPS-TDA1024 Datasheet
617Kb / 15P
   A MAIN-ZERO TRIAC-TRIGGERING CIRCUIT
jUNE 1976
logo
List of Unclassifed Man...
TDA1028 ETC-TDA1028 Datasheet
220Kb / 12P
   SIGNAL-SOURCES SWITCH
JANUARY 1980
logo
NXP Semiconductors
TDA1029 PHILIPS-TDA1029 Datasheet
235Kb / 16P
   Signal-sources switch
January 1980
More results

同様の説明 - TDA1023T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1024 PHILIPS-TDA1024 Datasheet
617Kb / 15P
   A MAIN-ZERO TRIAC-TRIGGERING CIRCUIT
jUNE 1976
logo
Festo Corporation.
VEAB-B-26-D13-F-V1-1R1 FESTO-VEAB-B-26-D13-F-V1-1R1 Datasheet
87Kb / 2P
   Proportional pressure control valve
VEAB-L-26-D15-Q4-A4-1R1 FESTO-VEAB-L-26-D15-Q4-A4-1R1 Datasheet
91Kb / 2P
   Proportional pressure control valve
557771 FESTO-557771 Datasheet
88Kb / 2P
   Proportional pressure control valve
1/21/22
8104664 FESTO-8104664 Datasheet
102Kb / 2P
   Proportional pressure control valve
1/27/22
8104670 FESTO-8104670 Datasheet
102Kb / 2P
   Proportional pressure control valve
1/27/22
8104673 FESTO-8104673 Datasheet
101Kb / 2P
   Proportional pressure control valve
1/27/22
151693 FESTO-151693 Datasheet
100Kb / 2P
   Proportional directional control valve
4/19/22
151694 FESTO-151694 Datasheet
99Kb / 2P
   Proportional directional control valve
4/19/22
VEAA-L-3-D11-Q4-V2-1R1 FESTO-VEAA-L-3-D11-Q4-V2-1R1 Datasheet
90Kb / 2P
   Proportional pressure control valve
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com