データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1072A データシート(PDF) 5 Page - NXP Semiconductors

部品番号 TDA1072A
部品情報  AM receiver circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1072A データシート(HTML) 5 Page - NXP Semiconductors

  TDA1072A Datasheet HTML 1Page - NXP Semiconductors TDA1072A Datasheet HTML 2Page - NXP Semiconductors TDA1072A Datasheet HTML 3Page - NXP Semiconductors TDA1072A Datasheet HTML 4Page - NXP Semiconductors TDA1072A Datasheet HTML 5Page - NXP Semiconductors TDA1072A Datasheet HTML 6Page - NXP Semiconductors TDA1072A Datasheet HTML 7Page - NXP Semiconductors TDA1072A Datasheet HTML 8Page - NXP Semiconductors TDA1072A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
May 1984
5
Philips Semiconductors
Product specification
AM receiver circuit
TDA1072A
RATINGS
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
THERMAL RESISTANCE
DEVICE CHARACTERISTICS
VP = V13-16 = 8,5 V; Tamb = 25 °C; fi = 1 MHz; fm = 400 Hz; m = 30%; fif = 460 kHz; measured in test circuit of Fig.1;
unless otherwise specified
Supply voltage
VP = V13-16
max.
20 V
Total power dissipation
Ptot
max.
875 mW
Input voltage
V14-15
max.
12 V
−V14-16, −V15-16
max.
0,6 V
V14-16, V15-16
max.
VP V
Input current
I14, I15
max.
200 mA
Operating ambient temperature range
Tamb
−40 to
+ 80 °C
Storage temperature range
Tstg
−55 to
+ 150 °C
Junction temperature
Tj
max.
+ 125 °C
From junction to ambient
Rth j-a
=
80
K/W
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supplies
Supply voltage
VP = V13-16
7,5
8,5
18
V
Supply current
IP = I13
15
23
30
mA
R.F. stage and mixer
Input voltage (d.c. value)
V14-16, V15-16
VP/2
V
R.F. input impedance at Vi < 300 µVR14-16, R15-16
5,5
k
C14-16, C15-16
25
pF
R.F. input impedance at Vi > 10 mV
R14-16, R15-16
8
k
C14-16, C15-16
22
pF
I.F. output impedance
R1-16
500
−−
k
C1-16
6
pF
Conversion transconductance
before start of a.g.c.
I1/Vi
6,5
mA/V
Maximum i.f. output voltage, inductive
coupling to pin 1
V1-13(p-p)
5
V
D.C. value of output current (pin 1)
at Vi = 0 V
I1
1,2
mA
A.G.C. range of input stage
30
dB
R.F. signal handling capability:
input voltage for THD = 3% at m = 80%
Vi(rms)
500
mV


同様の部品番号 - TDA1072A

メーカー部品番号データシート部品情報
logo
TEMIC Semiconductors
TDA1072A TEMIC-TDA1072A Datasheet
253Kb / 8P
   AM Receiver Circuit
logo
NXP Semiconductors
TDA1072AT PHILIPS-TDA1072AT Datasheet
256Kb / 21P
   AM receiver circuit
March 1989
More results

同様の説明 - TDA1072A

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
TCA440 SIEMENS-TCA440 Datasheet
350Kb / 17P
   AM Receiver Circuit
logo
NXP Semiconductors
TDA1072AT PHILIPS-TDA1072AT Datasheet
256Kb / 21P
   AM receiver circuit
March 1989
logo
TEMIC Semiconductors
TDA1072A TEMIC-TDA1072A Datasheet
253Kb / 8P
   AM Receiver Circuit
logo
Gunter Seniconductor Gm...
TCA440 GSG-TCA440 Datasheet
162Kb / 12P
   AM - Receiver Circuit
logo
NXP Semiconductors
TDA1572 PHILIPS-TDA1572 Datasheet
229Kb / 19P
   AM receiver circuit
December 1987
logo
List of Unclassifed Man...
TCA440 ETC-TCA440 Datasheet
73Kb / 11P
   AM - Receiver Circuit
logo
NXP Semiconductors
TEA5592 PHILIPS-TEA5592 Datasheet
466Kb / 14P
   AM/FM radio receiver circuit?
October 1990
TEA5594 PHILIPS-TEA5594 Datasheet
108Kb / 17P
   AM/FM radio receiver circuit
March 1991
logo
NTE Electronics
NTE787 NTE-NTE787 Datasheet
24Kb / 3P
   Integrated Circuit AM Receiver Subsystem
logo
NXP Semiconductors
TEA5591 PHILIPS-TEA5591 Datasheet
282Kb / 22P
   AM/FM radio receiver circuit
June 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com