データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1301T データシート(PDF) 11 Page - NXP Semiconductors

部品番号 TDA1301T
部品情報  Digital servo processor DSIC2
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1301T データシート(HTML) 11 Page - NXP Semiconductors

Back Button TDA1301T Datasheet HTML 6Page - NXP Semiconductors TDA1301T Datasheet HTML 7Page - NXP Semiconductors TDA1301T Datasheet HTML 8Page - NXP Semiconductors TDA1301T Datasheet HTML 9Page - NXP Semiconductors TDA1301T Datasheet HTML 10Page - NXP Semiconductors TDA1301T Datasheet HTML 11Page - NXP Semiconductors TDA1301T Datasheet HTML 12Page - NXP Semiconductors TDA1301T Datasheet HTML 13Page - NXP Semiconductors TDA1301T Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
March 1994
12
Philips Semiconductors
Product specification
Digital servo processor (DSIC2)
TDA1301T
Notes
1. fsys = 4.2336 MHz; VRL = 0 V; VRH = 2.5 V (externally applied).
2. Internal reference source with 4 different output voltages. Selection is achieved via the serial interface. The given
values are for an unloaded reference voltage.
3. fripple = 1 kHz; Vripple = 0.5 V (p-p).
4. Internal reference is switched OFF by serial interface. VRH is the reference input.
5. Externally applied VRH = 2.5 V and VRL = 0 V, measuring bandwidth: 200 Hz to 20 kHz, fi(ADC) = 1 kHz.
6. The gain of the ADC is defined as: GADC = fsys/Imax (counts/mA). Thus the digital output is II × GADC where: digital
output is the number of pulses at the digital output in counts per second and II is the DC input current in mA.
The maximum input current depends on the system frequency (fsys) and on Vref = VRH − VRL
For D1 to D4: Ii(max) = 1.5 × fsys × Vref × 10−6/Ri × fsys [µA].
For R1 and R2: Ii(max) = 0.75 × fsys × Vref × 10−6/Ri × fsys [µA].
The gain tolerance is the deviation from the calculated gain regarding note 1.
7. At 10 to 90% levels with CL = 50 pF.
8. A resistor must be connected to set the gain of the oscillator circuit. The value of the resistor depends on the crystal
or resonator connected to the oscillator circuit (see also Chapter “Application information” ).
9. When the TDA1301T is supplied by an external oscillator frequency, no crystal or resonator is required while the
external reference resistor has different limits.
Slave clock mode: XTALI
VIL
LOW level input voltage
0.5
V
VIH
HIGH level input voltage
2.0
V
tH
HIGH level input time
relative to the clock
period
45
55
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


同様の部品番号 - TDA1301T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1300 PHILIPS-TDA1300 Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300T PHILIPS-TDA1300T Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1300TT PHILIPS-TDA1300TT Datasheet
136Kb / 20P
   Photodetector amplifiers and laser supplies
1997 Jul 15
TDA1302T PHILIPS-TDA1302T Datasheet
520Kb / 18P
   Data amplifier and laser supply circuit for CD player and read only optical systems
September 1994.
TDA1305 PHILIPS-TDA1305 Datasheet
209Kb / 20P
   Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
More results

同様の説明 - TDA1301T

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE_16 Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
logo
Toshiba Semiconductor
TC9462F TOSHIBA-TC9462F_01 Datasheet
228Kb / 17P
   Digital Servo Single Chip Processor
logo
Samsung semiconductor
KA8320 SAMSUNG-KA8320 Datasheet
465Kb / 6P
   1 CHIP DIGITAL SERVO PROCESSOR FOR VCR
logo
Silan Microelectronics ...
SC9641 SILAN-SC9641 Datasheet
427Kb / 15P
   CD DIGITAL SERVO SIGNAL PROCESSOR(SLAVE MODE)
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
logo
List of Unclassifed Man...
CXD2515Q ETC1-CXD2515Q Datasheet
108Kb / 3P
   C-MOS CD DIGITAL PROCESSOR WITH SERVO
logo
Sony Corporation
CXD3068Q SONY-CXD3068Q Datasheet
1Mb / 134P
   CD Digital Signal Processor with Built-in Digital Servo
logo
NXP Semiconductors
SAA7370 PHILIPS-SAA7370 Datasheet
321Kb / 60P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
SAA7376 PHILIPS-SAA7376 Datasheet
311Kb / 56P
   Digital servo processor and Compact Disc decoder CD7
1998 Feb 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com