データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1314 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 TDA1314
部品情報  Quadruple filter DAC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1314 データシート(HTML) 3 Page - NXP Semiconductors

  TDA1314 Datasheet HTML 1Page - NXP Semiconductors TDA1314 Datasheet HTML 2Page - NXP Semiconductors TDA1314 Datasheet HTML 3Page - NXP Semiconductors TDA1314 Datasheet HTML 4Page - NXP Semiconductors TDA1314 Datasheet HTML 5Page - NXP Semiconductors TDA1314 Datasheet HTML 6Page - NXP Semiconductors TDA1314 Datasheet HTML 7Page - NXP Semiconductors TDA1314 Datasheet HTML 8Page - NXP Semiconductors TDA1314 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
August 1994
4
Philips Semiconductors
Product specification
Quadruple filter DAC
TDA1314T
PINNING
SYMBOL
PIN
DESCRIPTION
TC
1
test control signal input (test/operational)
AT/DT
2
analog test/digital test select input
SELINPH
3
select in-phase 4fas mode/scan input signal 1 in test mode
SCK
4
serial clock input; I2S-bus
MCLK
5
master clock input; fi = N × 4fas (45 ≤ N ≤ 128)
DGND
6
digital ground
AGND
7
analog ground
VDDD
8
digital supply voltage
VDDA
9
analog supply voltage
IORR
10
DAC output current; rear right
VORR
11
DAC output voltage; rear right
IORL
12
DAC output current; rear left
VORL
13
DAC output voltage; rear left
Rref
14
resistor reference input for DACs current
OGND
15
operational amplifier ground
VDDO
16
operational amplifier supply
IOFR
17
DAC output current; front right
VOFR
18
DAC output voltage; front right
IOFL
19
DAC output current; front left
VOFL
20
DAC output voltage; front left
Vref
21
reference voltage input (1
2 operational amplifier supply voltage)
POWER-UP
22
analog mute input for all DACs
CMT
23
current mirror input test signal
SDR
24
serial data input for rear DACs (I2S-bus); scan input signal 2 in test mode
SDF
25
serial data input for front DACs (I2S-bus)
WS
26
word select input (I2S-bus)
SCOUT1
27
scan output signal 1 in test mode; 4fas signal
SCOUT2
28
scan output signal 2 in test mode; PLL lock indicator


同様の部品番号 - TDA1314

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1310 PHILIPS-TDA1310 Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310A PHILIPS-TDA1310A Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1310AT PHILIPS-TDA1310AT Datasheet
115Kb / 16P
   Stereo Continuous Calibration DAC CC-DAC
May 1994
TDA1311A PHILIPS-TDA1311A Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
TDA1311AT PHILIPS-TDA1311AT Datasheet
133Kb / 20P
   Stereo Continuous Calibration DAC CC-DAC
1995 Dec 18
More results

同様の説明 - TDA1314

メーカー部品番号データシート部品情報
logo
Wolfson Microelectronic...
WM5621L WOLFSON-WM5621L Datasheet
513Kb / 14P
   Low-power Quadruple 8-Bit DAC
logo
NXP Semiconductors
TDA1386T PHILIPS-TDA1386T Datasheet
167Kb / 24P
   Noise shaping filter DAC
1998 Jan 06
UDA1328T PHILIPS-UDA1328T Datasheet
128Kb / 28P
   Multi-channel filter DAC
2000 Jan 04
TDA1306T PHILIPS-TDA1306T Datasheet
220Kb / 24P
   Noise shaping filter DAC
1998 Jan 06
UDA1330ATS PHILIPS-UDA1330ATS_15 Datasheet
173Kb / 23P
   Low-cost stereo filter DAC
2001 Feb 02
UDA1330ATS PHILIPS-UDA1330ATS Datasheet
110Kb / 24P
   Low-cost stereo filter DAC
2000 Apr 18
UDA1320ATS PHILIPS-UDA1320ATS Datasheet
102Kb / 20P
   Low-cost stereo filter DAC
2000 Jan 10
UDA1324TS PHILIPS-UDA1324TS Datasheet
107Kb / 20P
   Ultra low-voltage stereo filter DAC
2000 Jan 20
logo
Hitachi Semiconductor
HD14016B HITACHI-HD14016B Datasheet
77Kb / 6P
   Quadruple Analog Switch/Quadruple Multiplexer
HD14066B HITACHI-HD14066B Datasheet
83Kb / 7P
   Quadruple Analog Switch/Quadruple Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com