データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1517A データシート(PDF) 5 Page - NXP Semiconductors

部品番号 TDA1517A
部品情報  8 W BTL or 2 x 4 W SE power amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1517A データシート(HTML) 5 Page - NXP Semiconductors

  TDA1517A Datasheet HTML 1Page - NXP Semiconductors TDA1517A Datasheet HTML 2Page - NXP Semiconductors TDA1517A Datasheet HTML 3Page - NXP Semiconductors TDA1517A Datasheet HTML 4Page - NXP Semiconductors TDA1517A Datasheet HTML 5Page - NXP Semiconductors TDA1517A Datasheet HTML 6Page - NXP Semiconductors TDA1517A Datasheet HTML 7Page - NXP Semiconductors TDA1517A Datasheet HTML 8Page - NXP Semiconductors TDA1517A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2001 Apr 17
5
Philips Semiconductors
Product specification
8 W BTL or 2
× 4 W SE power amplifier
TDA1517ATW
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
THERMAL CHARACTERISTICS
DC CHARACTERISTICS
VP = 12 V; Tamb =25 °C; measured in Fig.3; unless otherwise specified.
Note
1. The circuit is DC adjusted at VP = 6 to 18 V and AC operating at VP = 8.5 to 18 V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT.
VP
supply voltage
18
V
VPSC
AC and DC short-circuit-safe voltage
18
V
Vrp
reverse polarity voltage
6V
ERGo
energy handling capability at outputs
VP =0V
200
mJ
IOSM
non-repetitive peak output current
4A
IORM
repetitive peak output current
2.5
A
Ptot
total power dissipation
5W
Tvj
virtual junction temperature
150
°C
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
tbf
−−
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
note 1
6.0
12
18
V
Iq
quiescent current
RL = ∞−
40
80
mA
Operating condition
VMODE(oper)
mode switch voltage level
8.5
VP
V
IMODE(oper)
mode switch current
VMODE =12V
15
40
µA
VO
DC output voltage
5.7
V
∆VOO
DC output offset voltage
−−
150
mV
Mute condition
VMODE(mute) mode switch voltage level
3.3
6.4
V
VO
DC output voltage
5.7
V
∆V
OO
DC output offset voltage
−−
150
mV
Standby condition
VMODE(stb)
mode switch voltage level
0
2V
Istb
standby current
0.1
100
µA


同様の部品番号 - TDA1517A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1517ATW NXP-TDA1517ATW Datasheet
542Kb / 19P
   8 W BTL or 2 횞 4 W SE power amplifier
2001 Apr 17
More results

同様の説明 - TDA1517A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1517ATW NXP-TDA1517ATW Datasheet
542Kb / 19P
   8 W BTL or 2 횞 4 W SE power amplifier
2001 Apr 17
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
TDF8590TH NXP-TDF8590TH Datasheet
215Kb / 30P
   2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
Rev. 02-23 April 2007
TDF8591TH NXP-TDF8591TH Datasheet
234Kb / 34P
   2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
Rev. 01-5 March 2008
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TFA9843J PHILIPS-TFA9843J Datasheet
142Kb / 21P
   2-channel audio amplifier (SE: 1 W to 20 W or BTL: 4 W to 40 W)
Rev. 02-19 January 2004
TDA8510J PHILIPS-TDA8510J Datasheet
82Kb / 16P
   26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com