データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1521Q データシート(PDF) 5 Page - NXP Semiconductors

部品番号 TDA1521Q
部品情報  2 x 12 W hi-fi audio power amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1521Q データシート(HTML) 5 Page - NXP Semiconductors

  TDA1521Q Datasheet HTML 1Page - NXP Semiconductors TDA1521Q Datasheet HTML 2Page - NXP Semiconductors TDA1521Q Datasheet HTML 3Page - NXP Semiconductors TDA1521Q Datasheet HTML 4Page - NXP Semiconductors TDA1521Q Datasheet HTML 5Page - NXP Semiconductors TDA1521Q Datasheet HTML 6Page - NXP Semiconductors TDA1521Q Datasheet HTML 7Page - NXP Semiconductors TDA1521Q Datasheet HTML 8Page - NXP Semiconductors TDA1521Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
July 1994
5
Philips Semiconductors
Product specification
2 x 12 W hi-fi audio power amplifier
TDA1521
TDA1521Q
Fig.2 Power derating curve.
THERMAL RESISTANCE
HEATSINK DESIGN EXAMPLE
With derating of 2,5 K/W, the value of heatsink thermal resistance is calculated as follows:
given RL = 8 Ω and VP = ±16 V, the measured maximum dissipation is 14,6 W; then, for a maximum ambient temperature
of 65
°C, the required thermal resistance of the heatsink is
Note: The internal metal block (heatsink) has the same potential as pin 5 (
−VP).
From junction to case
Rth j-c = 2,5 K/W
R
th h
a
150
65
14 6
,
----------------------
25
33 K W
,
=
,
=


同様の部品番号 - TDA1521Q

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
   2 x 6 W hi-fi audio power amplifier
July 1994
More results

同様の説明 - TDA1521Q

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
   2 x 6 W hi-fi audio power amplifier
July 1994
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
   2 x 6 W hi-fi audio power amplifier
1995 May 08
logo
Unisonic Technologies
PA2616 UTC-PA2616 Datasheet
183Kb / 8P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
NXP Semiconductors
TDA2616 NXP-TDA2616 Datasheet
76Kb / 12P
   2 x 12 W hi-fi audio power amplifiers with mute
July 1994
logo
Integral Corp.
ILA2616 INTEGRAL-ILA2616 Datasheet
119Kb / 3P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
NXP Semiconductors
TDA2616 PHILIPS-TDA2616 Datasheet
87Kb / 12P
   2 x 12 W hi-fi audio power amplifiers with mute
July 1994
logo
Unisonic Technologies
PA2616 UTC-PA2616_15 Datasheet
178Kb / 8P
   2 x 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
KODENSHI_AUK CORP.
KKA2616 KODENSHI-KKA2616 Datasheet
113Kb / 3P
   2 x 12 W Hi-Fi Audio Power Amplifiers with Mute
logo
List of Unclassifed Man...
TDA1512 ETC-TDA1512 Datasheet
214Kb / 6P
   12 TO 20 W HI FI AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA2614 PHILIPS-TDA2614 Datasheet
64Kb / 10P
   6 W hi-fi audio power amplifier
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com