データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1523 データシート(PDF) 4 Page - NXP Semiconductors

部品番号 TDA1523
部品情報  Stereo cassette head preamplifier and equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1523 データシート(HTML) 4 Page - NXP Semiconductors

  TDA1523 Datasheet HTML 1Page - NXP Semiconductors TDA1523 Datasheet HTML 2Page - NXP Semiconductors TDA1523 Datasheet HTML 3Page - NXP Semiconductors TDA1523 Datasheet HTML 4Page - NXP Semiconductors TDA1523 Datasheet HTML 5Page - NXP Semiconductors TDA1523 Datasheet HTML 6Page - NXP Semiconductors TDA1523 Datasheet HTML 7Page - NXP Semiconductors TDA1523 Datasheet HTML 8Page - NXP Semiconductors TDA1523 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1996 Feb 26
4
Philips Semiconductors
Preliminary specification
Stereo cassette head
preamplifier and equalizer
TDA1523
PINNING
SYMBOL
PIN
DESCRIPTION
MUTE
1
mute input
FB1
2
feedback 1
Vi1
3
input voltage 1
GND
4
ground
Vi2
5
input voltage 2
FB2
6
feedback 2
VP
7
power supply
Vo2
8
output voltage 2
n.c.
9
not connected
n.c.
10
not connected
n.c.
11
not connected
n.c.
12
not connected
n.c.
13
not connected
Vo1
14
output voltage 1
Fig.2 Pin configuration.
handbook, halfpage
TDA1523
MGC989
1
2
3
4
5
6
7
MUTE
FB1
Vi1
GND
Vi2
FB2
VP
Vo1
n.c.
n.c.
n.c.
n.c.
n.c.
Vo2
14
13
12
11
10
9
8


同様の部品番号 - TDA1523

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TDA1520A ETC1-TDA1520A Datasheet
198Kb / 6P
   20W Hi-Fi Audio Amplifier
TDA1520AQ ETC1-TDA1520AQ Datasheet
198Kb / 6P
   20W Hi-Fi Audio Amplifier
TDA1520B ETC-TDA1520B Datasheet
234Kb / 6P
   20 W HI FI AUDIO POWER AMLIFIER
TDA1520BQ ETC-TDA1520BQ Datasheet
234Kb / 6P
   20 W HI FI AUDIO POWER AMLIFIER
logo
NXP Semiconductors
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
More results

同様の説明 - TDA1523

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1522 PHILIPS-TDA1522 Datasheet
120Kb / 16P
   Stereo cassette head preamplifier and equalizer
1996 Feb 26
logo
Sony Corporation
CXA1198AP SONY-CXA1198AP Datasheet
283Kb / 13P
   STEREO CASSETTE DECK RECORDING EQUALIZER
logo
Mitsubishi Electric Sem...
M51162 MITSUBISHI-M51162 Datasheet
449Kb / 7P
   RECORDINGIPLAYBACK PREAMPLIFIER FOR STEREO CASSETTE TAPE RECORDER
logo
Sony Corporation
CXA1597M SONY-CXA1597M Datasheet
411Kb / 22P
   Recording Equalizer Amplifier for Stereo Cassette Decks
CXA1495P SONY-CXA1495P Datasheet
505Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1398P SONY-CXA1398P Datasheet
526Kb / 20P
   RECORDING EQUALIZER IC FOR STEREO CASSETTE DECK
CXA1578P SONY-CXA1578P Datasheet
496Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
CXA1598M SONY-CXA1598M Datasheet
502Kb / 26P
   Recording Equalizer Amplifier for Stereo Cassette Decks
logo
Panasonic Semiconductor
AN7353S PANASONIC-AN7353S Datasheet
46Kb / 3P
   Record Equalizer Amp. for Stereo Cassette Deck
logo
Sony Corporation
CXA1579P SONY-CXA1579P Datasheet
494Kb / 20P
   RECORDING EQUALIZER AMPLIFIER FOR STEREO CASSETTE DECKS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com