データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1547 データシート(PDF) 4 Page - NXP Semiconductors

部品番号 TDA1547
部品情報  Dual top-performance bitstream DAC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1547 データシート(HTML) 4 Page - NXP Semiconductors

  TDA1547 Datasheet HTML 1Page - NXP Semiconductors TDA1547 Datasheet HTML 2Page - NXP Semiconductors TDA1547 Datasheet HTML 3Page - NXP Semiconductors TDA1547 Datasheet HTML 4Page - NXP Semiconductors TDA1547 Datasheet HTML 5Page - NXP Semiconductors TDA1547 Datasheet HTML 6Page - NXP Semiconductors TDA1547 Datasheet HTML 7Page - NXP Semiconductors TDA1547 Datasheet HTML 8Page - NXP Semiconductors TDA1547 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
September 1991
4
Philips Semiconductors
Product specification
Dual top-performance bitstream DAC
TDA1547
PINNING
SYMBOL
PIN
DESCRIPTION
DGND
1
0 V digital supply
VDDD
2
5 V digital supply for both channels
IN R
3
serial one-bit data input for the right channel
n.c.
4
pin not connected; should preferably be connected to digital ground
CLK R
5
clock input for the right channel
VDDD R
6
5 V digital supply for the right channel; this voltage determines the internal logic HIGH level
in the right channel
VSSD R
7
−3.5 V digital supply for the right channel; this voltage determines the internal logic LOW
level in the right channel
Vref R
8
−4 V reference voltage for the right channel switched capacitor DAC
AGND DAC R
9
0 V reference voltage for the right channel switched capacitor DAC; this pin should be
connected to analog ground
−DAC R
10
output from the right negative switched capacitor DAC; feedback connection for the right
negative operational amplifier
+DAC R
11
output from the right positive switched capacitor DAC; feedback connection for the right
positive operational amplifier
AGND R
12
0 V reference voltage for both right channel operational amplifiers
n.c.
13
pin not connected; should preferably be connected to analog ground
+OUT R
14
+ output of the switched capacitor operational amplifier
−OUT R
15
− output of the switched capacitor operational amplifier
VSSA
16
−5 V analog supply
VDDA
17
5 V analog supply
−OUT L
18
− output of the switched capacitor operational amplifier
+OUT L
19
+ output of the switched capacitor operational amplifier
n.c.
20
pin not connected; should preferably be connected to analog ground
AGND L
21
0 V reference voltage for both left channel operational amplifiers
+DAC L
22
output from the left positive switched capacitor DAC; feedback connection for the left
positive operational amplifier
−DAC L
23
output from the left negative switched capacitor DAC; feedback connection for left negative
operational amplifier
AGND DAC L
24
0 V reference voltage for the left channel switched capacitor DAC; this pin should be
connected to analog ground
Vref L
25
−4 V reference voltage for the left channel switched capacitor DAC
VSSD L
26
−3.5 V digital supply for the left channel; this voltage determines the internal logic LOW level
in the left channel
VDDD L
27
5 V digital supply for the left channel; this voltage determines the internal logic HIGH level in
the left channel


同様の部品番号 - TDA1547

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TDA1540 ETC-TDA1540 Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
TDA1540D ETC-TDA1540D Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
TDA1540PN ETC-TDA1540PN Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
TDA1540TD ETC-TDA1540TD Datasheet
366Kb / 5P
   14-Bit DAC (Serial Output)
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
   Dual 16-bit DAC
November 1985
More results

同様の説明 - TDA1547

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1546T PHILIPS-TDA1546T Datasheet
327Kb / 40P
   Bitstream Continuous Calibration DAC with digital sound processing BCC-DAC
January 1995
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
   Low-power stereo bitstream ADC/DAC
1998 Jan 06
TDA1307 PHILIPS-TDA1307 Datasheet
192Kb / 36P
   High-performance bitstream digital filter
1996 Jan 08
TDA1309H PHILIPS-TDA1309H Datasheet
180Kb / 24P
   Low-voltage low-power stereo bitstream ADC/DAC
1996 Oct 21
TDA1305T PHILIPS-TDA1305T Datasheet
209Kb / 20P
   Stereo 1fs data input up-sampling filter with bitstream continuous dual DAC BCC-DAC2
1995 Dec 08
TDA1388 PHILIPS-TDA1388 Datasheet
138Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1996 Jul 17
TDA1388T PHILIPS-TDA1388T Datasheet
168Kb / 24P
   Bitstream continuous calibration filter-DAC for CD-ROM audio applications
1995 Dec 08
TDA1548T PHILIPS-TDA1548T Datasheet
123Kb / 20P
   Bitstream continuous calibration filter-DAC with headphone driver and DSP
1995 Nov 15
logo
ESS Technology,Inc
ES9008 ESS-ES9008 Datasheet
479Kb / 2P
   Highest Performance Audio DAC
logo
Maxim Integrated Produc...
MAX5868EVKIT MAXIM-MAX5868EVKIT Datasheet
10Mb / 55P
   Evaluates the MAX5868 RF DAC Performance, Evaluates the MAX5868 RF DAC Performance,
Rev 0; 10/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com