データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1554Q データシート(PDF) 6 Page - NXP Semiconductors

部品番号 TDA1554Q
部品情報  4 x 11 W single-ended or 2 x 22 W power amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1554Q データシート(HTML) 6 Page - NXP Semiconductors

Back Button TDA1554Q Datasheet HTML 2Page - NXP Semiconductors TDA1554Q Datasheet HTML 3Page - NXP Semiconductors TDA1554Q Datasheet HTML 4Page - NXP Semiconductors TDA1554Q Datasheet HTML 5Page - NXP Semiconductors TDA1554Q Datasheet HTML 6Page - NXP Semiconductors TDA1554Q Datasheet HTML 7Page - NXP Semiconductors TDA1554Q Datasheet HTML 8Page - NXP Semiconductors TDA1554Q Datasheet HTML 9Page - NXP Semiconductors TDA1554Q Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
May 1992
6
Philips Semiconductors
Product specification
4 x 11 W single-ended or 2 x 22 W power
amplifier
TDA1554Q
AC CHARACTERISTICS
VP = 14.4 V; RL = 4 Ω; f = 1 kHz; Tamb = 25 °C; measurements taken using Fig.3 for stereo BTL application and Fig.4 for
quad single-ended application unless otherwise specified
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Stereo BTL application
Output power
THD = 0.5%
Po
15
17
W
THD = 10%
Po
20
22
W
Output power at VP = 13.2 V
THD = 0.5%
Po
12
W
THD = 10%
Po
17
W
Total harmonic distortion
Po = 1 W
THD
0.1
%
Power bandwidth
THD = 0.5%
Po = −1 dB
w.r.t. 15 W
Bw
20 to
Hz
15 000
Low frequency roll-off
note 3
−1 dB
fL
45
Hz
High frequency roll-off
−1 dB
fH
20
−−
kHz
Closed loop voltage gain
Gv
25
26
27
dB
Supply voltage ripple rejection
note 4
ON
RR
48
−−
dB
mute
RR
48
−−
dB
stand-by
RR
80
−−
dB
Input impedance
|Zi|
253038k
Noise output voltage
(RMS value)
ON
RS = 0 Ω; note 5
Vno(rms)
70
−µV
ON
RS = 10 kΩ;
note 5
Vno(rms)
100
200
µV
mute
notes 5 and 6
Vno(rms)
60
−µV
Channel separation
RS = 10 kΩα
40
−−
dB
Channel unbalance
|
∆G
v|
−−
1dB


同様の部品番号 - TDA1554Q

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
More results

同様の説明 - TDA1554Q

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA1555Q PHILIPS-TDA1555Q Datasheet
112Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier with distortion detector
May 1992
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
TDA8511J PHILIPS-TDA8511J Datasheet
80Kb / 16P
   4 x 13 W single-ended power amplifiers
2000 Mar 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com