データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1556Q データシート(PDF) 8 Page - NXP Semiconductors

部品番号 TDA1556Q
部品情報  2 x 22 W stereo BTL differential amplifier with speaker protection and dynamic distortion detector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1556Q データシート(HTML) 8 Page - NXP Semiconductors

Back Button TDA1556Q Datasheet HTML 2Page - NXP Semiconductors TDA1556Q Datasheet HTML 3Page - NXP Semiconductors TDA1556Q Datasheet HTML 4Page - NXP Semiconductors TDA1556Q Datasheet HTML 5Page - NXP Semiconductors TDA1556Q Datasheet HTML 6Page - NXP Semiconductors TDA1556Q Datasheet HTML 7Page - NXP Semiconductors TDA1556Q Datasheet HTML 8Page - NXP Semiconductors TDA1556Q Datasheet HTML 9Page - NXP Semiconductors TDA1556Q Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
July 1994
8
Philips Semiconductors
Product specification
2 x 22 W stereo BTL differential amplifier
with speaker protection and dynamic
TDA1556Q
Fig.4 Stereo BTL test diagram.
handbook, full pagewidth
100
nF
DDD
mute/stand-by
414
5
13
15
Vref
9
3
n.c.
n.c.
audio
source
1/2 Rs
220 nF
220
µF
1
2
Z i1
Z i2
6
8
R load
1/2 Rs
audio
source
1/2 R s
220 nF
220
µF
16
17
Z i3
Z i4
10
12
R load
1/2 Rs
711
MLA380-2
VP
TDA1556Q
2200
µF
4.7
µF


同様の部品番号 - TDA1556Q

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1551 PHILIPS-TDA1551 Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1552 PHILIPS-TDA1552 Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
More results

同様の説明 - TDA1556Q

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
TDA1553Q PHILIPS-TDA1553Q Datasheet
89Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
July 1994
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1553CQ PHILIPS-TDA1553CQ Datasheet
62Kb / 10P
   2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
1995 Dec 15
TDA1555Q PHILIPS-TDA1555Q Datasheet
112Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier with distortion detector
May 1992
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com