データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1556 データシート(PDF) 4 Page - NXP Semiconductors

部品番号 TDA1556
部品情報  2 x 22 W stereo BTL differential amplifier with speaker protection and dynamic distortion detector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1556 データシート(HTML) 4 Page - NXP Semiconductors

  TDA1556 Datasheet HTML 1Page - NXP Semiconductors TDA1556 Datasheet HTML 2Page - NXP Semiconductors TDA1556 Datasheet HTML 3Page - NXP Semiconductors TDA1556 Datasheet HTML 4Page - NXP Semiconductors TDA1556 Datasheet HTML 5Page - NXP Semiconductors TDA1556 Datasheet HTML 6Page - NXP Semiconductors TDA1556 Datasheet HTML 7Page - NXP Semiconductors TDA1556 Datasheet HTML 8Page - NXP Semiconductors TDA1556 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
July 1994
4
Philips Semiconductors
Product specification
2 x 22 W stereo BTL differential amplifier
with speaker protection and dynamic
TDA1556Q
PINNING
SYMBOL
PIN
DESCRIPTION
IN1A
1
input signal 1A
IN1B
2
input signal 1B
n.c.
3
not connected
DDD
4
dynamic distortion detector
Vp1
5
positive supply voltage 1
OUT1A
6
output signal 1A
GND1
7
power ground 1
OUT1B
8
output signal 1B
n.c.
9
not connected
OUT2A
10
output signal 2A
GND2
11
power ground 2
OUT2B
12
output signal 2B
VP2
13
positive supply voltage 2
M/SB
14
mute/stand-by switch
LSP
15
loudspeaker protection
IN2A
16
input signal 2B
IN2B
17
input signal 2A
Fig.2 Pin configuration.
handbook, halfpage
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
IN 1A
IN 1B
n.c.
DDD
OUT 1A
GND 1
OUT 1B
n.c.
GND 2
OUT 2B
M/SB
LSP
IN 2A
IN 2B
MLA381 - 1
TDA1556Q
OUT 2A
VP2
V P1
THERMAL RESISTANCE
SYMBOL
PARAMETER
THERMAL
RESISTANCE
Rth j-a
from junction to ambient
in free air
40 K/W
Rth j-c
from junction to case
(see Figs 3 and 4)
1.5 K/W
Fig.3 Thermal resistance.
handbook, halfpage
2.8
K/W
0.1
K/W
2.8
K/W
virtual
junction
output 1
output 2
case
MLA382


同様の部品番号 - TDA1556

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1551 PHILIPS-TDA1551 Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1552 PHILIPS-TDA1552 Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
More results

同様の説明 - TDA1556

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
TDA1553Q PHILIPS-TDA1553Q Datasheet
89Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with loudspeaker protection
July 1994
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1553CQ PHILIPS-TDA1553CQ Datasheet
62Kb / 10P
   2 x 22 W stereo BTL car radio power amplifier with loudspeaker protection and 3-state mode switch
1995 Dec 15
TDA1555Q PHILIPS-TDA1555Q Datasheet
112Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier with distortion detector
May 1992
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com