データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1558Q データシート(PDF) 4 Page - NXP Semiconductors

部品番号 TDA1558Q
部品情報  2 x 22 W or 4 x 11 W single-ended car radio power amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1558Q データシート(HTML) 4 Page - NXP Semiconductors

  TDA1558Q Datasheet HTML 1Page - NXP Semiconductors TDA1558Q Datasheet HTML 2Page - NXP Semiconductors TDA1558Q Datasheet HTML 3Page - NXP Semiconductors TDA1558Q Datasheet HTML 4Page - NXP Semiconductors TDA1558Q Datasheet HTML 5Page - NXP Semiconductors TDA1558Q Datasheet HTML 6Page - NXP Semiconductors TDA1558Q Datasheet HTML 7Page - NXP Semiconductors TDA1558Q Datasheet HTML 8Page - NXP Semiconductors TDA1558Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
May 1992
4
Philips Semiconductors
Product specification
2 x 22 W or 4 x 11 W single-ended car
radio power amplifier
TDA1558Q
PINNING
SYMBOL
PIN
DESCRIPTION
−INV1
1
non-inverting input 1
INV2
2
inverting input 2
GND
3
ground (signal)
SVRR
4
supply voltage ripple rejection
VP1
5
supply voltage
OUT1
6
output 1
GND1
7
power ground 1
OUT2
8
output 2
n.c.
9
not connected
OUT4
10
output 4
GND2
11
power ground 2
OUT3
12
output 3
VP2
13
supply voltage
M/SS
14
mute/stand-by switch
Vref
15
internal reference voltage
INV3
16
inverting input 3
−INV4
17
non-inverting input 4
Fig.2 Pin configuration.
handbook, halfpage
MCD325 - 1
TDA1558Q
SVRR
P1
V
OUT1
GND1
OUT2
OUT4
OUT3
INV3
GND2
M / SS
ref
V
P2
V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
n.c.
INV2
GND
– INV1
– INV4
FUNCTIONAL DESCRIPTION
The TDA1558Q contains four identical amplifiers with
differential input stages (two inverting and two
non-inverting), and can be used for single-ended or BTL
applications. The gain of each amplifier is fixed at 40 dB
(46 dB in BTL). Special features of this device are:
a. mute/stand-by switch
low stand-by current (< 100
µA)
low mute/stand-by switching current (low cost supply
switch)
mute facility.
b. the harmonic distortion at low frequencies can be
decreased by connecting two diodes at pin 15 to ground or
a zener diode of 1.5 V.


同様の部品番号 - TDA1558Q

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1551 PHILIPS-TDA1551 Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1552 PHILIPS-TDA1552 Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
More results

同様の説明 - TDA1558Q

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1554Q PHILIPS-TDA1554Q Datasheet
96Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1554Q NXP-TDA1554Q Datasheet
97Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA1555Q PHILIPS-TDA1555Q Datasheet
112Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier with distortion detector
May 1992
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com