データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1574 データシート(PDF) 2 Page - NXP Semiconductors

部品番号 TDA1574
部品情報  Integrated FM tuner for radio receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1574 データシート(HTML) 2 Page - NXP Semiconductors

  TDA1574 Datasheet HTML 1Page - NXP Semiconductors TDA1574 Datasheet HTML 2Page - NXP Semiconductors TDA1574 Datasheet HTML 3Page - NXP Semiconductors TDA1574 Datasheet HTML 4Page - NXP Semiconductors TDA1574 Datasheet HTML 5Page - NXP Semiconductors TDA1574 Datasheet HTML 6Page - NXP Semiconductors TDA1574 Datasheet HTML 7Page - NXP Semiconductors TDA1574 Datasheet HTML 8Page - NXP Semiconductors TDA1574 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
February 1985
2
Philips Semiconductors
Product specification
Integrated FM tuner for radio receivers
TDA1574
GENERAL DESCRIPTION
The TDA1574 is a monolithic integrated FM tuner circuit designed for use in the r.f./i.f. section of car radios and
home-receivers. The circuit comprises a mixer, oscillator and a linear i.f. amplifier for signal processing, plus the following
additional features.
Features
• Keyed automatic gain control (a.g.c.)
• Regulated reference voltage
• Buffered oscillator output
• Electronic standby switch
• Internal buffered mixer driving.
QUICK REFERENCE DATA
PACKAGE OUTLINE
18-lead DIL; plastic (SOT102); SOT102-1; 1996 August 08.
Supply voltage range (pin 15)
VP
7 to 16 V
Mixer input bias voltage (pins 1 and 2)
V1, 2-4
typ.
1 V
noise figure
NF
typ.
9 dB
Oscillator output voltage (pin 6)
V6-4
typ.
2 V
output admittance at pin 6 for f = 108,7 MHz
Y22
typ.
1,5
+ j2 mS
Oscillator output buffer
D.C. output voltage (pin 9)
V9-4
typ.
6 V
Total harmonic distortion
THD
typ.
−15 dBC
Linear i.f. amplifier output voltage (pin 10)
V10-4
typ.
4,5 V
noise figure at RS = 300 Ω
NF
typ.
6,5 dB
Keyed a.g.c. output voltage range (pin 18)
V18-4
+ 0,5 to V
P − 0,3 V


同様の部品番号 - TDA1574

メーカー部品番号データシート部品情報
logo
Gunter Seniconductor Gm...
TDA1574 GSG-TDA1574 Datasheet
159Kb / 12P
   Integrated FM Tuner for Radio Receivers
logo
NXP Semiconductors
TDA1574T PHILIPS-TDA1574T Datasheet
104Kb / 13P
   Integrated FM tuner for radio receivers
August 1990
More results

同様の説明 - TDA1574

メーカー部品番号データシート部品情報
logo
Gunter Seniconductor Gm...
TDA1574 GSG-TDA1574 Datasheet
159Kb / 12P
   Integrated FM Tuner for Radio Receivers
logo
NXP Semiconductors
TDA1574T PHILIPS-TDA1574T Datasheet
104Kb / 13P
   Integrated FM tuner for radio receivers
August 1990
logo
STMicroelectronics
TDA7705 STMICROELECTRONICS-TDA7705 Datasheet
427Kb / 42P
   Highly integrated tuner for AM/FM car radio
September 2013 Rev 9
TDA7706 STMICROELECTRONICS-TDA7706 Datasheet
291Kb / 16P
   Highly integrated tuner for AM/FM car-radio
September 2013 Rev 3
TDA7703R STMICROELECTRONICS-TDA7703R Datasheet
229Kb / 32P
   Highly integrated tuner for AM/FM car radio
January 2010
TDA7703 STMICROELECTRONICS-TDA7703 Datasheet
211Kb / 32P
   Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
TDA7705 STMICROELECTRONICS-TDA7705_10 Datasheet
402Kb / 42P
   Highly integrated tuner for AM/FM car radio
logo
NXP Semiconductors
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
logo
Silicon Laboratories
SI4708-C SILABS-SI4708-C Datasheet
1Mb / 40P
   BROADCAST FM RADIO TUNER FOR PORTABLE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com