データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N04L1630C2B データシート(PDF) 1 Page - AMI SEMICONDUCTOR

部品番号 N04L1630C2B
部品情報  4Mb Ultra-Low Power Asynchronous CMOS SRAMs 256K 횞 16 bit POWER SAVER TECHNOLOGY TM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMI [AMI SEMICONDUCTOR]
ホームページ  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

N04L1630C2B データシート(HTML) 1 Page - AMI SEMICONDUCTOR

  N04L1630C2B Datasheet HTML 1Page - AMI SEMICONDUCTOR N04L1630C2B Datasheet HTML 2Page - AMI SEMICONDUCTOR N04L1630C2B Datasheet HTML 3Page - AMI SEMICONDUCTOR N04L1630C2B Datasheet HTML 4Page - AMI SEMICONDUCTOR N04L1630C2B Datasheet HTML 5Page - AMI SEMICONDUCTOR N04L1630C2B Datasheet HTML 6Page - AMI SEMICONDUCTOR N04L1630C2B Datasheet HTML 7Page - AMI SEMICONDUCTOR N04L1630C2B Datasheet HTML 8Page - AMI SEMICONDUCTOR N04L1630C2B Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
N04L1630C2B
(DOC# 14-02-042 ReI I ECN# 01-1374
1
The specifications of this device are subject to change without notice. For latest documentation see http://www.amis.com.
Advance Information
AMI Semiconductor, Inc.
ULP Memory Solutions
670 North McCarthy Blvd. Suite 220
Milpitas, CA 95035
PH: 408-935-7777, FAX: 408-935-7770
4Mb Ultra-Low Power Asynchronous CMOS SRAMs
256K × 16 bit POWER SAVER TECHNOLOGY TM
Overview
The N04L1630C2B is an integrated memory
device containing a 4 Mbit Static Random Access
Memory organized as 262,144 words by 16 bits.
The device is designed and fabricated using AMI
Semiconductor’s advanced CMOS technology to
provide both high-speed performance and ultra-low
power. The device operates with two chip enable
(CE1 and CE2) controls and output enable (OE) to
allow for easy memory expansion. Byte controls
(UB and LB) allow the upper and lower bytes to be
accessed independently and can also be used to
deselect the device. The N04L1630C2B is
optimized for the ultimate in low power and is
suited for various applications where ultra-low-
power is critical such as medical applications,
battery backup and power sensitive hand-held
devices. The unique page mode operation saves
operating power while improving the performance
over standard SRAMs. The device can operate
over a very wide temperature range of -40oC to
+85oC and is available in JEDEC standard
packages compatible with other standard 256Kb x
16 SRAMs.
Features
• Wide Power Supply Range
2.7 to 3.6 Volts
• Very low standby current
1uA (Typical)
• Very low operating current
2.0mA at 1µs (Typical)
• Very low Page Mode operating current
0.8mA at 1µs (Typical)
• Simple memory control
Dual Chip Enables (CE1 and CE2)
Byte control for independent byte operation
Output Enable (OE) for memory expansion
• Very fast output enable access time
30ns OE Access Time
55ns Random Access Time
30ns Page Mode Access Time
• Automatic power down to standby mode
• TTL compatible three-state output driver
• RoHS Compliant TSOP and BGA packages
Product Family
Part Number
Package Type
Operating
Temperature
Power
Supply (Vcc)
Speed
Options
Standby
Current (ISB),
Typical
Operating
Current (Icc),
Typical
N04L1630C2BB2
48-BGA Green
-40oC to +85oC
2.7V - 3.6V
55ns
70ns
1µA
2 mA @ 1MHz
N04L1630C2BT2 44-TSOP II Green


同様の部品番号 - N04L1630C2B

メーカー部品番号データシート部品情報
logo
NanoAmp Solutions, Inc.
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L163WC1AB NANOAMP-N04L163WC1AB Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L163WC1AB-70I NANOAMP-N04L163WC1AB-70I Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L163WC1AB1 NANOAMP-N04L163WC1AB1 Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L163WC1AB1-70I NANOAMP-N04L163WC1AB1-70I Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
More results

同様の説明 - N04L1630C2B

メーカー部品番号データシート部品情報
logo
NanoAmp Solutions, Inc.
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
ON Semiconductor
N04L63W1A ONSEMI-N04L63W1A Datasheet
196Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 13
N04L63W2A ONSEMI-N04L63W2A Datasheet
197Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 10
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N04L1618C2A NANOAMP-N04L1618C2A Datasheet
246Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256Kx16 bit
logo
AMI SEMICONDUCTOR
N04Q1618C2B AMI-N04Q1618C2B Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
logo
NanoAmp Solutions, Inc.
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04Q16YYC2B NANOAMP-N04Q16YYC2B Datasheet
298Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
logo
List of Unclassifed Man...
N04L163WC1C ETC-N04L163WC1C Datasheet
271Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
NanoAmp Solutions, Inc.
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com