データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1575 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 TDA1575
部品情報  FM front end circuit for CENELEC EN 55020 applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1575 データシート(HTML) 6 Page - NXP Semiconductors

Back Button TDA1575 Datasheet HTML 2Page - NXP Semiconductors TDA1575 Datasheet HTML 3Page - NXP Semiconductors TDA1575 Datasheet HTML 4Page - NXP Semiconductors TDA1575 Datasheet HTML 5Page - NXP Semiconductors TDA1575 Datasheet HTML 6Page - NXP Semiconductors TDA1575 Datasheet HTML 7Page - NXP Semiconductors TDA1575 Datasheet HTML 8Page - NXP Semiconductors TDA1575 Datasheet HTML 9Page - NXP Semiconductors TDA1575 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
April 1993
6
Philips Semiconductors
Preliminary specification
FM front end circuit for
CENELEC EN 55020 applications
TDA1575T
Note
1. GP = 10 log (4Vo mix ×10.7 MHz) / (EMF2 × 98 MHz)2 × (RS1 / RML).
Linear IF amplifier
IF = 10.7 MHz
V11,12
DC input voltage (pins 11 and 12)
1.25
V
Z12-11
input impedance
240
300
360
C12-11
input capacitance
13
pF
V10
DC output voltage (pin 10)
4.4
V
Z10
output impedance
240
300
360
C10
output capacitance
3
pF
VO
output signal (RMS value)
−1 dB compression
−−
650
mV
Gv
IF voltage gain (20 log (V10−4 / V12−11))
27
30
dB
∆G
v
IF voltage gain deviation
Tamb= −40 to +85 °C
0
dB
NF
noise figure
RS = 300 Ω−
6.5
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Fig.3
AGC output voltage V16 as a function of
Vi3 RMS at I16 = 0, measured in test circuit
Fig.1.
Fig.4
AGC output current I16 as a function of
Vi3 RMS at V16 = 8.5 V, measured in test
circuit Fig.1.


同様の部品番号 - TDA1575

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1572 PHILIPS-TDA1572 Datasheet
229Kb / 19P
   AM receiver circuit
December 1987
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
   AM receiver
May 1992
TDA1574 PHILIPS-TDA1574 Datasheet
114Kb / 11P
   Integrated FM tuner for radio receivers
February 1985
logo
Gunter Seniconductor Gm...
TDA1574 GSG-TDA1574 Datasheet
159Kb / 12P
   Integrated FM Tuner for Radio Receivers
logo
NXP Semiconductors
TDA1574T PHILIPS-TDA1574T Datasheet
104Kb / 13P
   Integrated FM tuner for radio receivers
August 1990
More results

同様の説明 - TDA1575

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
AN7216 PANASONIC-AN7216 Datasheet
128Kb / 4P
   FM Front End Circuit for Radios
AN7213 PANASONIC-AN7213 Datasheet
188Kb / 4P
   FM FRONT END CIRCUIT FOR RADIO
AN7243S PANASONIC-AN7243S Datasheet
81Kb / 7P
   FM Front-end Circuit for Car Radio
AN7254 PANASONIC-AN7254 Datasheet
104Kb / 4P
   FM FRONT-END CIRCUIT FOR CAR RADIO
logo
NTE Electronics
NTE1843 NTE-NTE1843 Datasheet
21Kb / 2P
   Integrated Circuit FM Front End
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
logo
Sanyo Semicon Device
LA1175 SANYO-LA1175 Datasheet
778Kb / 14P
   FM Front End For Car Radio, Home Stereo Applications
logo
Samsung semiconductor
S1A0497X01 SAMSUNG-S1A0497X01 Datasheet
174Kb / 10P
   FM FRONT END
logo
Unisonic Technologies
A6058 UTC-A6058 Datasheet
197Kb / 6P
   FM FRONT-END
A6058 UTC-A6058_16 Datasheet
168Kb / 6P
   FM FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com