データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1575 データシート(PDF) 4 Page - NXP Semiconductors

部品番号 TDA1575
部品情報  FM front end circuit for CENELEC EN 55020 applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1575 データシート(HTML) 4 Page - NXP Semiconductors

  TDA1575 Datasheet HTML 1Page - NXP Semiconductors TDA1575 Datasheet HTML 2Page - NXP Semiconductors TDA1575 Datasheet HTML 3Page - NXP Semiconductors TDA1575 Datasheet HTML 4Page - NXP Semiconductors TDA1575 Datasheet HTML 5Page - NXP Semiconductors TDA1575 Datasheet HTML 6Page - NXP Semiconductors TDA1575 Datasheet HTML 7Page - NXP Semiconductors TDA1575 Datasheet HTML 8Page - NXP Semiconductors TDA1575 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
April 1993
4
Philips Semiconductors
Preliminary specification
FM front end circuit for
CENELEC EN 55020 applications
TDA1575T
PINNING
SYMBOL
PIN
DESCRIPTION
MIXI1
1
RF input 1 to mixer
MIXI2
2
RF input 2 to mixer
AGCI
3
HF input to automatic gain control
GND
4
ground (0 V)
VREF
5
reference voltage output
OSCO
6
oscillator output
OSCI1
7
oscillator input 1
OSCI2
8
oscillator input 2
LO
9
buffered oscillator output
IFO
10
linear FM IF output
IFI1
11
FM IF input 1
IFI2
12
FM IF input 2
VP
13
supply voltage (+8.5 V)
MIXO1
14
mixer output 1
MIXO2
15
mixer output 2
AGCO
16
automatic gain control output
Fig.2 Pin configuration.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
Note to the limiting values
1. Equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VP
supply voltage (pin 13)
0
12
V
V14, 15
voltage at mixer output
0
VP
V
Ptot
total power dissipation
0
380
mW
Tstg
storage temperature range
−55
+150
°C
Tamb
operating ambient temperature range
−40
+85
°C
VESD
electrostatic handling (see note 1)
all pins except 3 and 10
−±2000
V
pin 3
+2000
V
−−1000
V
pin 10
+1500
V
−−2000
V


同様の部品番号 - TDA1575

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1572 PHILIPS-TDA1572 Datasheet
229Kb / 19P
   AM receiver circuit
December 1987
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
   AM receiver
May 1992
TDA1574 PHILIPS-TDA1574 Datasheet
114Kb / 11P
   Integrated FM tuner for radio receivers
February 1985
logo
Gunter Seniconductor Gm...
TDA1574 GSG-TDA1574 Datasheet
159Kb / 12P
   Integrated FM Tuner for Radio Receivers
logo
NXP Semiconductors
TDA1574T PHILIPS-TDA1574T Datasheet
104Kb / 13P
   Integrated FM tuner for radio receivers
August 1990
More results

同様の説明 - TDA1575

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
AN7216 PANASONIC-AN7216 Datasheet
128Kb / 4P
   FM Front End Circuit for Radios
AN7213 PANASONIC-AN7213 Datasheet
188Kb / 4P
   FM FRONT END CIRCUIT FOR RADIO
AN7243S PANASONIC-AN7243S Datasheet
81Kb / 7P
   FM Front-end Circuit for Car Radio
AN7254 PANASONIC-AN7254 Datasheet
104Kb / 4P
   FM FRONT-END CIRCUIT FOR CAR RADIO
logo
NTE Electronics
NTE1843 NTE-NTE1843 Datasheet
21Kb / 2P
   Integrated Circuit FM Front End
logo
Toshiba Semiconductor
TA7358AP TOSHIBA-TA7358AP Datasheet
239Kb / 8P
   FM FRONT-END
logo
Sanyo Semicon Device
LA1175 SANYO-LA1175 Datasheet
778Kb / 14P
   FM Front End For Car Radio, Home Stereo Applications
logo
Samsung semiconductor
S1A0497X01 SAMSUNG-S1A0497X01 Datasheet
174Kb / 10P
   FM FRONT END
logo
Unisonic Technologies
A6058 UTC-A6058 Datasheet
197Kb / 6P
   FM FRONT-END
A6058 UTC-A6058_16 Datasheet
168Kb / 6P
   FM FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com