データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1581T データシート(PDF) 11 Page - NXP Semiconductors

部品番号 TDA1581T
部品情報  Decoder for traffic warning VWF radio transmissions
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1581T データシート(HTML) 11 Page - NXP Semiconductors

Back Button TDA1581T Datasheet HTML 6Page - NXP Semiconductors TDA1581T Datasheet HTML 7Page - NXP Semiconductors TDA1581T Datasheet HTML 8Page - NXP Semiconductors TDA1581T Datasheet HTML 9Page - NXP Semiconductors TDA1581T Datasheet HTML 10Page - NXP Semiconductors TDA1581T Datasheet HTML 11Page - NXP Semiconductors TDA1581T Datasheet HTML 12Page - NXP Semiconductors TDA1581T Datasheet HTML 13Page - NXP Semiconductors TDA1581T Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
March 1992
11
Philips Semiconductors
Preliminary specification
Decoder for traffic warning (VWF) radio
transmissions
TDA1581T
FILTER INFORMATION
Gain
Amplifier conditions: Go >> Gv and Go >> 2 × Q2
Recommended components
GENERAL EQUATION
C1 = C2 = C
C1 = C2 = C
R2 << R1
resonance frequency
ω
r =
gain at
ω = ωr
−Gvr =
quality
Q =
C1, C2
metallized polycarbonate film (MKC) capacitors;
±5%
and
R1, R2, R3
metal film (MR) resistors;
±2%
or
C1, C2
metallized polyester film (MKT) capacitors;
±5%
and
R1, R2, R3
carbon film (CR) resistors;
±2%
G
v
p
R1
C1
×
----------------------
p
2
p
C1
C2
+
R3
C1
C2
×
×
-------------------------------------
R1
R2
+
R1
R2
R3
C1
C2
×
×
×
×
-----------------------------------------------------------------
+
×
+
-----------------------------------------------------------------------------------------------------------------------------------
pj
ω and G
v
V
o
V
i
------
=
=
=
, in which
1
R1
R2
×
R1
R2
+
----------------------
R3
C1
C2
×
×
×
----------------------------------------------------------------------
1
C
R1
R2
×
R1
R2
+
----------------------
R3
×
----------------------------------------------
1
CR2
R3
×
-------------------------------
C2
C1
C2
+
----------------------
R3
R1
--------
×
1
2
---
R3
R1
--------
×
1
2
---
R3
R1
--------
×
C1
C2
×
C1
C2
+
----------------------
R3 R1
R2
+
()
R1
R2
×
--------------------------------------
×
1
2
---
R3 R1
R2
+
()
R1
R2
×
--------------------------------------
1
2
---
R3
R2
--------
×


同様の部品番号 - TDA1581T

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TDA1589 ETC1-TDA1589 Datasheet
303Kb / 7P
   Traffic control messages and warning tone circuit
More results

同様の説明 - TDA1581T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1579 PHILIPS-TDA1579 Datasheet
137Kb / 13P
   Decoder for traffic warning VWF radio transmissions
May 1992
logo
List of Unclassifed Man...
TDA1589 ETC1-TDA1589 Datasheet
303Kb / 7P
   Traffic control messages and warning tone circuit
logo
National Semiconductor ...
LM1872 NSC-LM1872 Datasheet
371Kb / 20P
   Radio Control Receiver/Decoder
logo
rfsolutions.ltd
001B-433AR2 RFSOLUTIONS-001B-433AR2 Datasheet
69Kb / 6P
   RADIO RECEIVER DECODER MODULES.
RF800 RFSOLUTIONS-RF800 Datasheet
347Kb / 9P
   Radio Encoder / Decoder IC?셲
logo
OSRAM GmbH
LOE67B OSRAM-LOE67B Datasheet
438Kb / 19P
   Traffic lights
logo
American Electronic Com...
DG81B AEC-DG81B Datasheet
225Kb / 2P
   For flasher indicators, hazard warning
logo
OSRAM GmbH
LAE63B OSRAM-LAE63B Datasheet
369Kb / 21P
   Traffic lights
logo
ADL Embedded Solutions
ADLS15PC ADL-ADLS15PC_18 Datasheet
609Kb / 4P
   Traffic technology
logo
List of Unclassifed Man...
2137H ETC-2137H Datasheet
75Kb / 2P
   Proposition 65 warning for California residents
2/5/2006 4:57:08 PM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com