データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1592T データシート(PDF) 8 Page - NXP Semiconductors

部品番号 TDA1592T
部品情報  PLL stereo decoder and noise blanker
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1592T データシート(HTML) 8 Page - NXP Semiconductors

Back Button TDA1592T Datasheet HTML 4Page - NXP Semiconductors TDA1592T Datasheet HTML 5Page - NXP Semiconductors TDA1592T Datasheet HTML 6Page - NXP Semiconductors TDA1592T Datasheet HTML 7Page - NXP Semiconductors TDA1592T Datasheet HTML 8Page - NXP Semiconductors TDA1592T Datasheet HTML 9Page - NXP Semiconductors TDA1592T Datasheet HTML 10Page - NXP Semiconductors TDA1592T Datasheet HTML 11Page - NXP Semiconductors TDA1592T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1996 May 31
8
Philips Semiconductors
Preliminary specification
PLL stereo decoder and noise blanker
TDA1592
Notes
1. Intermodulation suppression [Beat Frequency Components (BFC)]:
;
;
measured with 91% mono signal; fmod = 10 kHz or 13 kHz; 9% pilot signal.
2. ARI suppression:
measured with 91% stereo signal; fmod = 1 kHz; 9% pilot signal; 5% ARI subcarrier
(fs = 57 kHz; fmod = 23 Hz; AM m = 0.6).
3. Subsidiary Communication Authorization (SCA):
;
measured with 81% mono signal; fmod = 1 kHz; 9% pilot signal; 10% SCA subcarrier (fs = 67 kHz, unmodulated).
4. Adjacent Channel Interference (ACI):
;
;
measured with 90% mono signal; fmod = 1 kHz; 9% pilot signal; 1% spurious signal
(fs = 110 kHz or 186 kHz, unmodulated).
HCC (pin 15, pin 7 to GND)
CRdeem
control range of de-emphasis
see Fig.9
for European standard
Cdeem = 6.8 nF
15
90
µs
for USA standard
Cdeem =10nF
22
135
µs
V15-17
control voltage (pin 15 due to pin 17) in both
standards
lower value CRdeem
0
mV
upper value CRdeem
−−300 −
mV
∆V10, ∆V11 DC offset voltage at AF outputs (AM on/off)
−−±200 mV
Noise interference detector
Vpulse
trigger sensitivity
τpulse =10 µs
10
mV
∆V8
trigger threshold voltage offset as a function of
Vtrigg
fint = 120 kHz
Vinterf.in = 10 mV
150
200
250
mV
Vinterf.in = 100 mV
550
650
750
mV
tsup
AF suppression time; pulse width
40
−µs
I13,14
input offset current (pins 13 and 14)
during AF suppression
time
20
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IM2
V
o(signal) at 1 kHz
()
V
o(spurious) at 1 kHz
()
--------------------------------------------------------
=
f
s
2
10 kHz
×
() 19 kHz
=
IM3
V
o(signal) at 1 kHz
()
V
o(spurious) at 1 kHz
()
--------------------------------------------------------
=
f
s
3
13 kHz
×
() 38 kHz
=
α
57 ARI
V
o(signal) at 1 kHz
()
V
o(spurious) at 1 kHz
23 Hz
±
()
-----------------------------------------------------------------------------
=
α
67
V
o(signal) at 1 kHz
()
V
o(spurious) at 9 kHz
()
--------------------------------------------------------
=
f
s
238 kHz
×
() 67 kHz
=
α
114
V
o(signal) at 1 kHz
()
V
o(spurious) at 4 kHz
()
--------------------------------------------------------
=
f
s
110 kHz
3
38 kHz
×
()
=
α
190
V
o(signal) at 1 kHz
()
V
o(spurious) at 4 kHz
()
--------------------------------------------------------
=
f
s
186 kHz
5
38 kHz
×
()
=


同様の部品番号 - TDA1592T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1591 PHILIPS-TDA1591 Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
TDA1591T PHILIPS-TDA1591T Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
TDA1593 PHILIPS-TDA1593 Datasheet
107Kb / 20P
   IF amplifier/demodulator for FM car radio receivers
1996 Oct 10
TDA1593T PHILIPS-TDA1593T Datasheet
107Kb / 20P
   IF amplifier/demodulator for FM car radio receivers
1996 Oct 10
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
More results

同様の説明 - TDA1592T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1591 PHILIPS-TDA1591 Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
logo
Siemens Semiconductor G...
TDA4340X SIEMENS-TDA4340X Datasheet
671Kb / 15P
   Stereo Decoder/Noise Blanker
logo
NXP Semiconductors
TEA5580 PHILIPS-TEA5580 Datasheet
347Kb / 9P
   PLL stereo decoder
May 1986
TEA5581 PHILIPS-TEA5581 Datasheet
133Kb / 16P
   PLL stereo decoder
June 1989
logo
List of Unclassifed Man...
TCA4511-2 ETC1-TCA4511-2 Datasheet
275Kb / 9P
   PLL Stereo decoder
logo
NXP Semiconductors
TDA7040T PHILIPS-TDA7040T Datasheet
112Kb / 11P
   Low voltage PLL stereo decoder
September 1986
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
TDA1005A PHILIPS-TDA1005A Datasheet
872Kb / 19P
   FREQUENCY MULTIPLEX PLL STEREO DECODER
fEBRUARY 1980
logo
Allegro MicroSystems
3845 ALLEGRO-3845 Datasheet
233Kb / 8P
   AM NOISE BLANKER
logo
NTE Electronics
NTE7050 NTE-NTE7050 Datasheet
36Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com