データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA1596 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 TDA1596
部品情報  IF amplifier/demodulator for FM radio receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1596 データシート(HTML) 6 Page - NXP Semiconductors

Back Button TDA1596 Datasheet HTML 2Page - NXP Semiconductors TDA1596 Datasheet HTML 3Page - NXP Semiconductors TDA1596 Datasheet HTML 4Page - NXP Semiconductors TDA1596 Datasheet HTML 5Page - NXP Semiconductors TDA1596 Datasheet HTML 6Page - NXP Semiconductors TDA1596 Datasheet HTML 7Page - NXP Semiconductors TDA1596 Datasheet HTML 8Page - NXP Semiconductors TDA1596 Datasheet HTML 9Page - NXP Semiconductors TDA1596 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
April 1991
6
Philips Semiconductors
Product specification
IF amplifier/demodulator for FM radio
receivers
TDA1596T
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Note
1. Equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
THERMAL RESISTANCE
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VP = V1-17
Supply voltage (pin 1)
−0.3
+16
V
V5-17
Reference voltage range (pin 5)
−0.3
+ 10
V
V2-17
Level adjustment range (pin 2)
−0.3
+ 10
V
V7-17
Mode switch voltage range (pin 7)
−0.3
VP
V
V13-17
Control input voltage range (pin 13)
−+ 6V
THD compensation/unweighted field
V3-17
strength voltage range (pin 3)
−0.3
VP
V
Tuning-stop output voltage range
V15-17
STOP-0 (pin 15)
−0.3
VP
V
V14-17
STOP-1 (pin 14)
−0.3
VP
V
Tuning-stop output current
I15
STOP-0 (pin 15)
2mA
I14
STOP-1 (pin 14)
2mA
Tstg
Storage temperature range
−55
+ 150
°C
Tamb
Operating ambient temperature range
−40
+ 85
°C
Electrostatic handling(1)
Ves
all pins except pins 5 and 6
−2000
+ 2000
V
Ves
pin 5
−2000
+ 900
V
Ves
pin 6
−2000
+ 1600
V
From junction to ambient (in free air)
Rth j-a (max.)
=
95 K/W


同様の部品番号 - TDA1596

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1596T PHILIPS-TDA1596T Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
More results

同様の説明 - TDA1596

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1599 PHILIPS-TDA1599 Datasheet
262Kb / 22P
   IF amplifier/demodulator for FM radio receivers
May 1994
TDA1597 PHILIPS-TDA1597 Datasheet
200Kb / 24P
   IF amplifier/demodulator for FM radio receivers
1997 Feb 27
TDA1593 PHILIPS-TDA1593 Datasheet
107Kb / 20P
   IF amplifier/demodulator for FM car radio receivers
1996 Oct 10
TEA6850 PHILIPS-TEA6850 Datasheet
268Kb / 20P
   IF filter / amplifier / demodulator for FM radio receivers
July 1994
logo
Sanyo Semicon Device
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
logo
List of Unclassifed Man...
TBA129 ETC-TBA129 Datasheet
78Kb / 4P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
NXP Semiconductors
TDA1576 PHILIPS-TDA1576 Datasheet
128Kb / 16P
   FM/IF amplifier/demodulator circuit
1998 Nov 18
TDA1576T PHILIPS-TDA1576T Datasheet
110Kb / 16P
   FM/IF amplifier/demodulator circuit
1998 Nov 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com