データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA3672 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 TDA3672
部品情報  Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3672 データシート(HTML) 6 Page - NXP Semiconductors

Back Button TDA3672 Datasheet HTML 2Page - NXP Semiconductors TDA3672 Datasheet HTML 3Page - NXP Semiconductors TDA3672 Datasheet HTML 4Page - NXP Semiconductors TDA3672 Datasheet HTML 5Page - NXP Semiconductors TDA3672 Datasheet HTML 6Page - NXP Semiconductors TDA3672 Datasheet HTML 7Page - NXP Semiconductors TDA3672 Datasheet HTML 8Page - NXP Semiconductors TDA3672 Datasheet HTML 9Page - NXP Semiconductors TDA3672 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2000 Apr 26
6
Philips Semiconductors
Preliminary specification
Very low dropout voltage/quiescent current
3.0 V voltage regulator with enable
TDA3672
TEST AND APPLICATION INFORMATION
ndbook, halfpage
MBL125
VP
81
2, 3, 6, 7
C2
VI(EN)
5
TDA3672
10
µF
C1
1
µF
VREG = 3.0 V
Fig.3 Test circuit.
VI(EN) =5V.
C1 is optional (to minimize supply noise only).
handbook, halfpage
MDA961
ESR
(
Ω)
C2 (
µF)
102
10
1
10−1
10−1
110
102
stable region
(2)
(1)
Fig.4
Graph for selecting the value of the output
capacitor.
(1) Maximum ESR at 200
µA ≤ IREG ≤ 100 mA.
(2) Minimum ESR only when IREG ≤ 200 µA.
Noise
The output noise is determined by the value of the output
capacitor. The noise figure is measured at a bandwidth of
10 Hz to 100 kHz (see Table 1).
Table 1
Noise figures
Stability
The regulator is stabilized with an external capacitor
connected to the output. The value of this capacitor can be
selected using the diagrams shown in Figs 4 and 5.
The following four examples show the effects of the
stabilization circuit using different values for the output
capacitor.
OUTPUT
CURRENT
IREG (mA)
NOISE FIGURE (
µV)
C2 = 10
µFC2 = 47 µF C2 = 100 µF
0.5
550
320
300
50
650
400
400
handbook, halfpage
MDA962
ESR
(
Ω)
IREG (mA)
103
102
10
22
1
10−1
110
103
102
stable region
Fig.5
ESR as a function of IREG for selecting the
value of the output capacitor.


同様の部品番号 - TDA3672

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3673AT PHILIPS-TDA3673AT Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3673T PHILIPS-TDA3673T Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3674 PHILIPS-TDA3674 Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 5 V voltage regulator with enable
2000 Feb 01
TDA3674AT PHILIPS-TDA3674AT Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 5 V voltage regulator with enable
2000 Feb 01
More results

同様の説明 - TDA3672

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3674 PHILIPS-TDA3674 Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 5 V voltage regulator with enable
2000 Feb 01
TDA3675 PHILIPS-TDA3675 Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 8.5 V voltage regulator with enable
2000 Feb 01
TDA3676 PHILIPS-TDA3676 Datasheet
83Kb / 16P
   Low dropout voltage/quiescent current 10 V voltage regulator with enable
2000 Feb 01
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com