データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4006G データシート(PDF) 4 Page - ON Semiconductor

部品番号 1N4006G
部品情報  Axial Lead Standard Recovery Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N4006G データシート(HTML) 4 Page - ON Semiconductor

  1N4006G Datasheet HTML 1Page - ON Semiconductor 1N4006G Datasheet HTML 2Page - ON Semiconductor 1N4006G Datasheet HTML 3Page - ON Semiconductor 1N4006G Datasheet HTML 4Page - ON Semiconductor 1N4006G Datasheet HTML 5Page - ON Semiconductor 1N4006G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1N4001, 1N4002, 1N4003, 1N4004, 1N4005, 1N4006, 1N4007
http://onsemi.com
4
ORDERING INFORMATION
Device
Package
Shipping
1N4001
Axial Lead*
1000 Units/Bag
1N4001G
Axial Lead*
(Pb−Free)
1000 Units/Bag
1N4001FF
Axial Lead*
3000 Units/Box
1N4001FFG
Axial Lead*
(Pb−Free)
3000 Units/Box
1N4001RL
Axial Lead*
5000/Tape & Reel
1N4001RLG
Axial Lead*
(Pb−Free)
5000/Tape & Reel
1N4002
Axial Lead*
1000 Units/Bag
1N4002G
Axial Lead*
(Pb−Free)
1000 Units/Bag
1N4002FF
Axial Lead*
3000 Units/Box
1N4002FFG
Axial Lead*
(Pb−Free)
3000 Units/Box
1N4002RL
Axial Lead*
5000/Tape & Reel
1N4002RLG
Axial Lead*
(Pb−Free)
5000/Tape & Reel
1N4003
Axial Lead*
1000 Units/Bag
1N4003G
Axial Lead*
(Pb−Free)
1000 Units/Bag
1N4003FF
Axial Lead*
3000 Units/Box
1N4003FFG
Axial Lead*
(Pb−Free)
3000 Units/Box
1N4003RL
Axial Lead*
5000/Tape & Reel
1N4003RLG
Axial Lead*
(Pb−Free)
5000/Tape & Reel
1N4004
Axial Lead*
1000 Units/Bag
1N4004G
Axial Lead*
(Pb−Free)
1000 Units/Bag
1N4004FF
Axial Lead*
3000 Units/Box
1N4004FFG
Axial Lead*
(Pb−Free)
3000 Units/Box
1N4004RL
Axial Lead*
5000/Tape & Reel
1N4004RLG
Axial Lead*
(Pb−Free)
5000/Tape & Reel
1N4005
Axial Lead*
1000 Units/Bag
1N4005G
Axial Lead*
(Pb−Free)
1000 Units/Bag
1N4005FF
Axial Lead*
3000 Units/Box
1N4005FFG
Axial Lead*
(Pb−Free)
3000 Units/Box
1N4005RL
Axial Lead*
5000/Tape & Reel
1N4005RLG
Axial Lead*
(Pb−Free)
5000/Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


同様の部品番号 - 1N4006G

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
1N4006G PHILIPS-1N4006G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4006G CHENDA-1N4006G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Gulf Semiconductor
1N4006G GULFSEMI-1N4006G Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Leshan Radio Company
1N4006G LRC-1N4006G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
1N4006G LRC-1N4006G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
More results

同様の説明 - 1N4006G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
1N5400 ONSEMI-1N5400 Datasheet
42Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 6
1N5400 ONSEMI-1N5400_08 Datasheet
120Kb / 6P
   Axial-Lead Standard Recovery Rectifiers
May, 2008 ??Rev. 10
1N4001 ONSEMI-1N4001 Datasheet
30Kb / 4P
   Axial Lead Standard Recovery Rectifiers
December, 2004 ??Rev. 9
1N4001 ONSEMI-1N4001_12 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
HEF4093BTD-T ONSEMI-HEF4093BTD-T Datasheet
50Kb / 6P
   Axial Lead Standard Recovery Rectifiers
August, 2005 ??Rev. 12
1N4007 ONSEMI-1N4007 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
logo
NTE Electronics
NTE5800 NTE-NTE5800 Datasheet
17Kb / 2P
   Axial Lead Standard Recovery Silicon Rectifiers, 3 Amp
logo
New Jersey Semi-Conduct...
MR501 NJSEMI-MR501 Datasheet
114Kb / 2P
   MINIATURE SIZE, AXIAL LEAD MOUNTED STANDARD RECOVERY POWER RECTIFIERS
logo
ON Semiconductor
1N5400 ONSEMI-1N5400_06 Datasheet
57Kb / 6P
   Axial?묹ead Standard Recovery Rectifiers
December, 2006 ??Rev. 9
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com