データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD706 データシート(PDF) 3 Page - Analog Devices

部品番号 AD706
部品情報  Dual Picoampere Input Current Bipolar Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD706 データシート(HTML) 3 Page - Analog Devices

  AD706_02 Datasheet HTML 1Page - Analog Devices AD706_02 Datasheet HTML 2Page - Analog Devices AD706_02 Datasheet HTML 3Page - Analog Devices AD706_02 Datasheet HTML 4Page - Analog Devices AD706_02 Datasheet HTML 5Page - Analog Devices AD706_02 Datasheet HTML 6Page - Analog Devices AD706_02 Datasheet HTML 7Page - Analog Devices AD706_02 Datasheet HTML 8Page - Analog Devices AD706_02 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD706J
AD706K
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
POWER SUPPLY
Rated Performance
±15
±15
V
Operating Range
±2.0
±18
±2.0
±18
V
Quiescent Current, Total
0.75
1.2
0.75
1.2
mA
TMIN to TMAX
0.8
1.4
0.8
1.4
mA
TRANSISTOR COUNT
# of Transistors
90
90
NOTES
lBias current specifications are guaranteed maximum at either input.
2Input bias current match is the difference between corresponding inputs (I
B of –IN of Amplifier #1 minus IB of –IN of Amplifier #2).
CMRR match is the difference between
DVOS #1
DV
CM
for amplifier #1 and
DVOS #2
DV
CM
for amplifier #2 expressed in dB.
PSRR match is the difference between
DVOS #1
DV
SUPPLY
for amplifier #l and
DVOS #2
DV
SUPPLY
for amplifier #2 expressed in dB.
All min and max specifications are guaranteed.
Specifications subject to change without notice.
AD706
ABSOLUTE MAXIMUM RATINGS
l
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
(Total: Both Amplifiers)
2 . . . . . . . . . . . . . . . . . . . . 650 mW
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±VS
Differential Input Voltage3 . . . . . . . . . . . . . . . . . . . . +0.7 Volts
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range (N, R) . . . . . . . –65
∞C to +125∞C
Operating Temperature Range
AD706J/K . . . . . . . . . . . . . . . . . . . . . . . . . . . 0
∞C to +70∞C
Lead Temperature (Soldering 10 secs) . . . . . . . . . . . . +300
∞C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
8-Lead Plastic Package:
qJA = 100∞C/Watt
8-Lead Small Outline Package:
qJA = 155∞C/Watt
3The input pins of this amplifier are protected by back-to-back diodes. If the
differential voltage exceeds
±0.7 volts, external series protection resistors should
be added to limit the input current to less than 25 mA.
ORDERING GUIDE
Temperature
Package
Model
Range
Description
Option*
AD706JN
0
∞C to +70∞C
Plastic DIP
N-8
AD706KN
0
∞C to +70∞C
Plastic DIP
N-8
AD706JR
0
∞C to +70∞C
SOIC
RN-8
AD706JR-REEL
0
∞C to +70∞CTape and Reel
AD706AR
– 40
∞C to +85∞C SOIC
RN-8
AD706AR-REEL
– 40
∞C to +85∞CTape and Reel
*N = Plastic DIP; RN = SOIC Package.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD706 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
METALIZATION PHOTOGRAPH
Dimensions shown in inches and (mm).
Contact factory for latest dimensions.
REV. D
–3–
2
1
3
4
5
6
7
8
OUTPUT A
–INPUT A
+INPUT A
–VS
0.074 (1.88)
OUTPUT B
–INPUT B
+INPUT B
+VS
WARNING!
ESD SENSITIVE DEVICE


同様の部品番号 - AD706_02

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AD706-00 ETC2-AD706-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD706 AD-AD706_03 Datasheet
220Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
More results

同様の説明 - AD706_02

メーカー部品番号データシート部品情報
logo
Analog Devices
AD706 AD-AD706 Datasheet
246Kb / 8P
   Dual Picoampere Input Current Bipolar Op Amp
REV. C
AD706ARZ AD-AD706ARZ Datasheet
191Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ-REEL7 AD-AD706JRZ-REEL7 Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706ARZ AD-AD706ARZ Datasheet
182Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ AD-AD706JRZ Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JNZ AD-AD706JNZ Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706 AD-AD706_03 Datasheet
220Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD705 AD-AD705 Datasheet
451Kb / 8P
   Picoampere Input Current Bipolar Op Amp
REV. B
AD705 AD-AD705_15 Datasheet
559Kb / 3P
   PICOAMPERE INPUT CURRENT BIPOLAR OP AMP
REV. A
AD704AR-16 AD-AD704AR-16 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com