データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

9303R1KL.25XX データシート(PDF) 4 Page - Bi technologies

部品番号 9303R1KL.25XX
部品情報  1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BITECH [Bi technologies]
ホームページ  http://www.bitechnologies.com
Logo BITECH - Bi technologies

9303R1KL.25XX データシート(HTML) 4 Page - Bi technologies

  9303R1KL.25XX Datasheet HTML 1Page - Bi technologies 9303R1KL.25XX Datasheet HTML 2Page - Bi technologies 9303R1KL.25XX Datasheet HTML 3Page - Bi technologies 9303R1KL.25XX Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2-132
Model 9300 Series
9301: 2606, 2607, 2626, 2627, 2646, 2647, RB
MATCHING TURNS COUNTING DIALS
ORDERING INFORMATION
9301 R 10K L.25 XX
Model Series
Resistance Prefix
Resistance Value
Optional Special
Feature Code
Linearity
(CCW)
(S)
(CW)
Metric equivalents, based on 1 inch = 25.4mm are rounded to
the same number of significant figures as in the original
English units and are provided for general information only.
Tolerances unless otherwise specified:
Linear = ± .01 inches
(.25mm)
Angular = ± 2 degrees
NOTES
mm
INCH
CIRCUIT DIAGRAM
SPECIAL FEATURES
Center Tap
CT
Linearity Tape
LT
Rear Shaft Extension
RS
Flatted Shaft
FS
Slotted Shaft
SS
Shaft Lock (9301 only)
SL


同様の部品番号 - 9303R1KL.25XX

メーカー部品番号データシート部品情報
logo
Peregrine Semiconductor...
9303 PEREGRINE-9303 Datasheet
167Kb / 6P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
logo
Bi technologies
9303 BITECH-9303 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
logo
Keystone Electronics Co...
9303 KEYSTONE-9303 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9303 HEYCO-9303 Datasheet
152Kb / 2P
   Snap Rivets
logo
Peregrine Semiconductor...
9303-00 PEREGRINE-9303-00 Datasheet
167Kb / 6P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
More results

同様の説明 - 9303R1KL.25XX

メーカー部品番号データシート部品情報
logo
Bi technologies
9301 BITECH-9301 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
7601 BITECH-7601 Datasheet
64Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
7600 BITECH-7600 Datasheet
63Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
AR10KT2L.25XX BITECH-AR10KT2L.25XX Datasheet
103Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
5311 ETC2-5311 Datasheet
76Kb / 3P
   1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
Bi technologies
5710 BITECH-5710 Datasheet
120Kb / 4P
   3 Diameter Single Turn Wirewound Precision Potentiometer
7380 BITECH-7380 Datasheet
78Kb / 5P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
860 VISHAY-860 Datasheet
158Kb / 4P
   1 - 13/16” (46mm) Three and Ten Turn Wirewound Precision Potentiometer
Revision 16-Jul-03
logo
Bi technologies
5610 BITECH-5610 Datasheet
102Kb / 4P
   2 Diameter Single Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com