データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC374TWR1-35Q-A1 データシート(PDF) 5 Page - Cree, Inc

部品番号 LC374TWR1-35Q-A1
部品情報  3-mm Round LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

LC374TWR1-35Q-A1 データシート(HTML) 5 Page - Cree, Inc

  LC374TWR1-35Q-A1 Datasheet HTML 1Page - Cree, Inc LC374TWR1-35Q-A1 Datasheet HTML 2Page - Cree, Inc LC374TWR1-35Q-A1 Datasheet HTML 3Page - Cree, Inc LC374TWR1-35Q-A1 Datasheet HTML 4Page - Cree, Inc LC374TWR1-35Q-A1 Datasheet HTML 5Page - Cree, Inc LC374TWR1-35Q-A1 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
5
CLD-CT029.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Mechanical Dimensions
All dimensions are in mm. Tolerance is ±0.25 mm unless otherwise noted.
An epoxy meniscus may extend about 1.5 mm down the leads.
Burr around bottom of epoxy may be 0.5 mm max.
Notes
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or
otherwise restricted materials in this product are below the maximum concentration values (also referred to as the
threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Direc-
tive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(RoHS), as amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.
2/5
Format #: COTCO-D-074 REV.4
Document No. SPE/LC374TWR1-35Q-A1
Rev. No.
02
A
Apppplliiccaattiioonnss::
D
Diim
meennssiioonn D
Drraaw
wiinngg
- Advertising Signs
- Indicators
- LCD Back Light
- Illuminations
A
Abbssoolluuttee M
Maaxxiim
muum
m R
Raattiinnggss aatt TTaa == 2255
°C
Items
Symbol
Absolute maximum
Rating
Unit
Forward Current
IF
25
mA
Peak Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
100
mW
Operation Temperature
Topr
-40 ~ +95
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Lead Soldering
Temperature
Tsol
Max.260
°C for 3 sec Max.
(3mm from the base of the epoxy bulb)
*pulse width <=0.1msec duty <=1/10
TTyyppiiccaall E
Elleeccttrriiccaall &
& O
Oppttiiccaall C
Chhaarraacctteerriissttiiccss (( TTaa == 2255°C))
Items
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 20mA
---
3.4
4.0
V
Forward Voltage
VF
IF = 1.0
1.7
---
2.5
V
Reverse Current
IR
VR = 5V
---
---
100
A
Luminous Intensity
IV
IF = 20mA
1520
2300
---
mcd
x
IF = 20mA
---
0.426
---
---
Chromaticity
Coordinates
y
IF = 20mA
---
0.393
---
---
Color Temperature
CCT
IF = 20mA
---
3000
---
K
50% Power Angle
2
½H-H
IF = 20mA
---
35
---
deg


同様の部品番号 - LC374TWR1-35Q-A1

メーカー部品番号データシート部品情報
logo
Cree, Inc
LC374TWR1-35P-A1 CREE-LC374TWR1-35P-A1 Datasheet
351Kb / 6P
   3-mm Round LED
More results

同様の説明 - LC374TWR1-35Q-A1

メーカー部品番号データシート部品情報
logo
Cree, Inc
LC374TWN1-25P-A1 CREE-LC374TWN1-25P-A1 Datasheet
347Kb / 6P
   3-mm Round LED
LC374TWN1-25Q-A1 CREE-LC374TWN1-25Q-A1 Datasheet
354Kb / 6P
   3-mm Round LED
LC374TWR1-35P-A1 CREE-LC374TWR1-35P-A1 Datasheet
351Kb / 6P
   3-mm Round LED
LC374TWN1-65P-A1 CREE-LC374TWN1-65P-A1 Datasheet
354Kb / 6P
   3-mm Round LED
LC374TWN1-65Q-A1 CREE-LC374TWN1-65Q-A1 Datasheet
355Kb / 6P
   3-mm Round LED
C374T-WNS CREE-C374T-WNS Datasheet
422Kb / 8P
   3-mm Round LED
LC374TWN1-35Q-A1 CREE-LC374TWN1-35Q-A1 Datasheet
353Kb / 6P
   3-mm Round LED
LC374TWR1-65Q-A1 CREE-LC374TWR1-65Q-A1 Datasheet
357Kb / 6P
   3-mm Round LED
logo
Everlight Electronics C...
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
   3 mm Round LED
logo
Cree, Inc
LC374TWN1-35P-A1 CREE-LC374TWN1-35P-A1 Datasheet
347Kb / 6P
   3-mm Round LED
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com