データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI2107 データシート(PDF) 6 Page - Silicon Laboratories

部品番号 SI2107
部品情報  SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2107 データシート(HTML) 6 Page - Silicon Laboratories

Back Button SI2107_06 Datasheet HTML 2Page - Silicon Laboratories SI2107_06 Datasheet HTML 3Page - Silicon Laboratories SI2107_06 Datasheet HTML 4Page - Silicon Laboratories SI2107_06 Datasheet HTML 5Page - Silicon Laboratories SI2107_06 Datasheet HTML 6Page - Silicon Laboratories SI2107_06 Datasheet HTML 7Page - Silicon Laboratories SI2107_06 Datasheet HTML 8Page - Silicon Laboratories SI2107_06 Datasheet HTML 9Page - Silicon Laboratories SI2107_06 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
Si2107/08/09/10
6
Preliminary Rev. 0.81
Table 5. Receiver Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Rf Input Frequency Range
fin
950
2150
MHz
Fine Tune Step Size
fstep
12.2
kHz
Symbol Rate Range
RS
1—
45
MBaud
Carrier Offset Correction Range
fcar_off
±6—
MHz
Carrier Lock/Acquisition Times
with QuickLock
TQL
45 MBaud, CR = 7/8 Channel
Offset = ±5 MHz*
—0.02
Sec
27.5 MBaud, CR = 7/8, Channel
Offset = ±10 MHz*
—0.03
Sec
20 MBaud, CR = 7/8, Channel
Offset = ±10 MHz*
—0.04
Sec
10 MBaud, CR = 7/8, Channel
Offset = ±10 MHz*
—0.05
Sec
5 MBaud, CR = 7/8, Channel
Offset = ±10 MHz*
—0.08
Sec
2 MBaud, CR = 7/8, Channel
Offset = ±10 MHz*
—0.14
Sec
1 MBaud, CR = 7/8, Channel
Offset = ±10 MHz*
—0.25
Sec
*Note: For signal with C/N = 8.5 dB Pin = –40 dBm, Channel frequency = 1560 MHz.


同様の部品番号 - SI2107_06

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI2107-X-FM SILABS-SI2107-X-FM Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
More results

同様の説明 - SI2107_06

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI2107 SILABS-SI2107 Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
logo
Hynix Semiconductor
HDM8513A HYNIX-HDM8513A Datasheet
261Kb / 67P
   DVB/DSS Compliant Receiver
HDM8515 HYNIX-HDM8515 Datasheet
272Kb / 75P
   DVB/DSS Compliant Receiver
logo
NXP Semiconductors
TDA10085HT PHILIPS-TDA10085HT Datasheet
93Kb / 16P
   Single chip DVB-S/DSS channel receiver
2001 Aug 31
logo
Samsung semiconductor
S5H1420 SAMSUNG-S5H1420 Datasheet
849Kb / 31P
   Channel Decoder for DVB-S/DSS
logo
Intel Corporation
CE6313 INTEL-CE6313 Datasheet
466Kb / 24P
   DVB-S Satellite Demodulator
logo
List of Unclassifed Man...
PS20313 ETC2-PS20313 Datasheet
1Mb / 26P
   DVB-S Satellite Demodulator
logo
Sony Corporation
CXD1948R SONY-CXD1948R Datasheet
718Kb / 78P
   IEEE1394 Link Layer LSI for DVB and DSS
logo
List of Unclassifed Man...
PS20037 ETC2-PS20037 Datasheet
2Mb / 32P
   DVB-S Satellite Tuner with RF bypass
PS20039 ETC2-PS20039 Datasheet
1Mb / 32P
   DVB-S Satellite Tuner with RF bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com