データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1-EBL1-11-N2 データシート(PDF) 3 Page - Cree, Inc

部品番号 LM1-EBL1-11-N2
部品情報  SMD LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

LM1-EBL1-11-N2 データシート(HTML) 3 Page - Cree, Inc

  LM1-EBL1-11-N2 Datasheet HTML 1Page - Cree, Inc LM1-EBL1-11-N2 Datasheet HTML 2Page - Cree, Inc LM1-EBL1-11-N2 Datasheet HTML 3Page - Cree, Inc LM1-EBL1-11-N2 Datasheet HTML 4Page - Cree, Inc LM1-EBL1-11-N2 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
3
CLD-CT69.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Graphs
4/4
Format #: COTCO-D-074
REV.4
Document No. SPE/LM1-EBL1-11-N2
Rev. No.
01
G
Grraapphhss
0
-10
-20
-30
0.0
-40
Vr(V)
-50
Ir(uA)
-50.0
-30.0
-40.0
-10.0
-20.0
5.0
Vf(V)
100%
75%
50%
FIG.2 REVERSE CURRENT VS.
REVERSE VOLTAGE.
Half Power WL=28nm
Domi WL= 470nm
100%
700
500
600
0
WL(nm)
WL(nm)
Ie(%)
80%
60%
40%
20%
0%
60
30
0
90
400
300
0%
WAVELENGTH.
If(mA)
100.0
-30
-60
-90
100
T ( C)
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
50% Power Angle :
FIG.6 FAR FIELD PATTERN.
25%
If (mA)
100.0
4.2
3.4
3.8
80.0
40.0
60.0
20.0
0.0
3.0
2.5
2.0
1.5
1.0
FORWARD VOLTAGE.
60.0
20.0 40.0
Rth j-s=200 C/W
0.0
40
50
IF(mA)
FORWARD CURRENT
0.0
Rth j-a=350 C/W
80
60
40
20
20
30
10
0
0
0.5
FIG.1 FORWARD CURRENT VS.
4.6
TEMPERATURE. DERATING BASED ON Tjmax=110 C
FIG.5 MAXIMUM FORWARD DC CURRENT VS
FIG.3 RELATIVE LUMINOUS INTENSITY VS.
80.0
Items
Signatures
Date
Revision History
Prepared by
Rev.No
Date
Change Description
WangFJ
2007-04-10
Checked by
XieJH
2007-04-10
Approved by
DavidLiu
2007-04-10
FCN#
FCN20070101
Data is subject to change without prior notice; Please refer to COTCO Website for the latest version.
Copyright@2002 Cotco International Ltd.


同様の部品番号 - LM1-EBL1-11-N2

メーカー部品番号データシート部品情報
logo
Cree, Inc
LM1-EBL1-01-N2 CREE-LM1-EBL1-01-N2 Datasheet
328Kb / 5P
   SMD LED
More results

同様の説明 - LM1-EBL1-11-N2

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com