データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1-EWN1-01-N2 データシート(PDF) 2 Page - Cree, Inc

部品番号 LM1-EWN1-01-N2
部品情報  SMD LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

LM1-EWN1-01-N2 データシート(HTML) 2 Page - Cree, Inc

  LM1-EWN1-01-N2 Datasheet HTML 1Page - Cree, Inc LM1-EWN1-01-N2 Datasheet HTML 2Page - Cree, Inc LM1-EWN1-01-N2 Datasheet HTML 3Page - Cree, Inc LM1-EWN1-01-N2 Datasheet HTML 4Page - Cree, Inc LM1-EWN1-01-N2 Datasheet HTML 5Page - Cree, Inc LM1-EWN1-01-N2 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
2
CLD-CT63.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Standard Bins for LM-EWN-0-N2 (I
F = 20 mA)
Lamps are sorted to luminous intensity (I
V) and chromaticity coordiates (x,y) bins shown.
Orders for LM1-EWN1-01-N2 may be filled with any or all bins contained as below.
All luminous intensity (I
V) and chromaticity coordinates (x,y) values shown and specified are at IF = 20 mA.
A1
A2
B1
B2
c
X1 or
above
W2
W1
V2
V1
Rank
A1
A2
B1
Chromaticity
Coordinates
x
0.245
0.264
0.280
0.264
0.264
0.283
0.296
0.280
0.283
0.307
0.313
0.296
y
0.229
0.267
0.248
0.220
0.267
0.305
0.276
0.248
0.305
0.337
0.297
0.276
Rank
B2
c
Chromaticity
Coordinates
x
0.307
0.330
0.330
0.313
0.330
0.361
0.356
0.330
y
0.337
0.360
0.318
0.297
0.360
0.385
0.351
0.318
Important Notes:
All ranks will be included per delivery; rank ratio will be based on the dice distribution.
Tolerance of measurement of luminous intensity is ±10%.
Tolerance of measurement of the color coordinates is ±0.01.
Tolerance of measurement of V
F is ±0.05 V.
Packaging methods are available for selection; please refer to the “Cree LED Lamp Packaging” document.
Please refer to the “Cree LED Lamp Reliability Test Parameters” document for reliability test conditions.
Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.
Do not handle the device by the SMD surface. Care must be taken to avoid damage to the SMD surface or the
interior of the device, which can be damaged by excessive force to the SMD surface.
1.
2.
3.
4.
5.
6.
7.
8.
Chromaticity Coordinates (x,y)
1800 mcd
1400 mcd
1120 mcd
900 mcd
710 mcd


同様の部品番号 - LM1-EWN1-01-N2

メーカー部品番号データシート部品情報
logo
Cree, Inc
LM1-EWN1-11-N2 CREE-LM1-EWN1-11-N2 Datasheet
356Kb / 6P
   SMD LED
More results

同様の説明 - LM1-EWN1-01-N2

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com