データシートサーチシステム |
|
LM1-NRR1-01-N1 データシート(PDF) 1 Page - Cree, Inc |
|
LM1-NRR1-01-N1 データシート(HTML) 1 Page - Cree, Inc |
1 / 7 page Subject to change without notice. www.cree.com/ledlamps Cree® SMD LED Model # LM-NRR-0-N Data Sheet 120-degree, 3.2 x 2.8-mm, SMT LED in full color with water-transparent lens Applications Indoor and Outdoor Displays Backlighting Coupling into Light Guides RGB Full-Color Displays Absolute Maximum Ratings (T A = 25°C) Items Symbol Absolute Maximum Rating Unit R G B Forward Current Note 1 I F 50 25 25 mA Peak Forward Current Note 2 I FP 200 100 100 mA Reverse Voltage V R 5 5 5 V Power Dissipation P D 125 100 100 mW Operation Temperature T opr -40 ~ +100 °C Storage Temperature T stg -40 ~ +100 °C Junction Temperature T J 110 110 110 °C Junction/ambient 1 chip on Note 3 R THJA 450 400 450 °C/W Junction/ambient 3 chips on Note 3 R THJA 650 580 680 °C/W Junction/solder point 1 chip on R THJS 300 280 300 °C/W Junction/solder point 3 chips on R THJS 450 430 480 °C/W Notes: Single-color light. Pulse width ≤0.1 msec, duty ≤1/10. Rth test condition: mounted on PC Board FR 4 (pad size >=16mm2) Typical Electrical & Optical Characteristics (T A = 25°C) Characteristics Condition Symbol Values Unit R G B Wavelength at peak emission I F = 20 mA λ PEAK 620 520 465 nm Dominant Wavelength I F = 20 mA λ DOM 610~620 520~540 460~480 nm Spectral bandwidth at 50% I REL max I F = 20 mA λ 24 38 28 nm Viewing Angle at 50% I V I F = 20 mA 2θ½ 120 120 120 °C Forward Voltage I F = 20 mA V F(avg) 2.0 3.4 3.4 V V F(max) 2.5 4.0 4.0 V Luminous Intensity I F = 20 mA I V(min) 112 180 45 mcd I V(avg) 180 250 70 mcd Reverse Current (max) V R = 5 V I R 10 10 10 μA • • • • 1. 2. 3. |
同様の部品番号 - LM1-NRR1-01-N1 |
|
同様の説明 - LM1-NRR1-01-N1 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |