データシートサーチシステム |
|
LM1-PBG1-11-N1 データシート(PDF) 4 Page - Cree, Inc |
|
LM1-PBG1-11-N1 データシート(HTML) 4 Page - Cree, Inc |
4 / 5 page Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 4 CLD-CT44.000 Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps Mechanical Dimensions All dimensions are in mm. Notes RoHS Compliance The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or otherwise restricted materials in this product are below the maximum concentration values (also referred to as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Direc- tive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment (RoHS), as amended through April 21, 2006. Vision Advisory Claim Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye. 2/4 Format #: COTCO-D-074 REV.4 Document No. SPE/LM1-PBG1-11-N1 Rev. No. 02 A Apppplliiccaattiioonnss:: D Diim meennssiioonn D Drraaw wiinngg - Indicators - Illuminations - LCD Back Lights - Automobile’s Applications A Abbssoolluuttee M Maaxxiim muum m R Raattiinnggss aatt TTaa == 2255 °C Items Symbol Absolute maximum Rating Unit Forward Current IF 30 mA Peak Forward Current* IFP 100 mA Reverse Voltage VR 5 V Power Dissipation PD 130 mW Operation Temperature Topr -40 ~ + 100 °C Storage Temperature Tstg -40 ~ + 100 °C Junction temperature Tj +110 °C Junction/ambient ** Rth JA 350 °C/W Junction/solder point Rth JS 200 °C/W *pulse width <=0.1msec duty <=1/10 ** Rth test condition: Mounted on PC Board FR 4(pad size>=16mm2) TTyyppiiccaall E Elleeccttrriiccaall & & O Oppttiiccaall C Chhaarraacctteerriissttiiccss (( TTaa == 2255 °C)) Items Symbol Condition Min. Typ. Max. Unit Forward Voltage VF IF = 30mA --- 3.6 4.2 V Reverse Current IR VR = 5V --- --- 10 A Luminous Intensity IV IF = 30mA 355 560 --- mcd Dominant Wavelength D IF = 30mA 495 505 515 nm 50% Power Angle 2 ½ IF = 30mA --- 120 --- deg |
同様の部品番号 - LM1-PBG1-11-N1 |
|
同様の説明 - LM1-PBG1-11-N1 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |