データシートサーチシステム |
|
LM1-PBL1-01-N1 データシート(PDF) 1 Page - Cree, Inc |
|
LM1-PBL1-01-N1 データシート(HTML) 1 Page - Cree, Inc |
1 / 5 page Subject to change without notice. www.cree.com/ledlamps Cree® SMD LED Model # LM-PBL-0-N Data Sheet 120-degree, 3.2 x 2.7 mm, SMT LED in blue color with water-transparent lens Applications Indicators Illuminations LCD Back Lights Automobile Applications RGB Full-Color Displays Absolute Maximum Ratings (T A = 25°C) Items Symbol Absolute Maximum Rating Unit Forward Current I F 25 mA Peak Forward Current Note 1 I FP 100 mA Reverse Voltage V R 5 V Power Dissipation P D 100 mW Operation Temperature T opr -40 ~ +100 °C Storage Temperature T stg -40 ~ +100 °C Junction Temperature T J 110 °C Junction/Ambient Note 2 R THJA 450 °C/W Junction/Solder Point R THJS 300 °C/W Notes: Pulse width ≤0.1 msec, duty ≤1/10. Rth test condition: mounted on PCB FR4 (pad size ≥16 mm2) Typical Electrical & Optical Characteristics (T A = 25°C ) Characteristics Symbol Condition Unit Minimum Typical Maximum Forward Voltage V F I F = 20 mA V 3.4 4.0 Reverse Current I R V R = 5 V μA 10 Luminous Intensity I V I F = 20 mA mcd 112 160 Dominant Wavelength λ D I F = 20 mA nm 460 470 480 50% Power Angle 2θ½ I F = 20 mA deg 120 • • • • • 1. 2. |
同様の部品番号 - LM1-PBL1-01-N1 |
|
同様の説明 - LM1-PBL1-01-N1 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |