データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1-PPP1-01-N1 データシート(PDF) 6 Page - Cree, Inc

部品番号 LM1-PPP1-01-N1
部品情報  SMD LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

LM1-PPP1-01-N1 データシート(HTML) 6 Page - Cree, Inc

  LM1-PPP1-01-N1 Datasheet HTML 1Page - Cree, Inc LM1-PPP1-01-N1 Datasheet HTML 2Page - Cree, Inc LM1-PPP1-01-N1 Datasheet HTML 3Page - Cree, Inc LM1-PPP1-01-N1 Datasheet HTML 4Page - Cree, Inc LM1-PPP1-01-N1 Datasheet HTML 5Page - Cree, Inc LM1-PPP1-01-N1 Datasheet HTML 6Page - Cree, Inc LM1-PPP1-01-N1 Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.

CLD-CT49.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Mechanical Dimensions
All dimensions are in mm.
Notes
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or
otherwise restricted materials in this product are below the maximum concentration values (also referred to as the
threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Direc-
tive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(RoHS), as amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.
2/6
Format #: COTCO-D-074
REV.4
Document No.
SPE/LM1-PPP1-01-N1
Rev. No.
02
A
Apppplliiccaattiioonnss::
D
Diim
meennssiioonn D
Drraaw
wiinngg
- Indoor and outdoor displays
- Backlighting
- Coupling into light guides
- RGB full color displays
A
Abbssoolluuttee M
Maaxxiim
muum
m R
Raattiinnggss aatt TTaa == 2255
°C
Absolute maximum
Rating
Items
Symbol
R
G
B
Unit
Forward Current*1
IF
50
25
25
mA
Peak Forward Current*2
IFP
200
100
100
mA
Reverse Voltage
VR
5
5
5
V
Power Dissipation
PD
125
100
100
mW
Operation Temperature
Topr
-40~+100
°C
Storage Temperature
Tstg
-40~+100
°C
Junction Temperature
Tj
+110
+110
+110
°C
Junction/ambient 1 chips on*3
Rth JA
450
400
450
°C/W
Junction/ambient 3 chips on*3
Rth JA
650
580
680
°C/W
Junction/solder point 1 chips on Rth JS
300
280
300
°C/W
Junction/solder point 3 chips on Rth JS
450
430
480
°C/W
*1 single color light *2 pulse width <=0.1msec duty <=1/10 *3 Rth test condition: Mounted on PC Board FR 4(pad size
>=16mm2)
TTyyppiiccaall E
Elleeccttrriiccaall &
& O
Oppttiiccaall C
Chhaarraacctteerriissttiiccss (( TTaa == 2255
°C))
Values
Parameter
Condition
Symbol
R
G
B
Unit
Wavelength at peak emission
IF=20mA
peak
620
520
465
nm
Dominant wavelength
IF=20mA
dom
612~622
520~540
460~480
nm
Spectral bandwidth at 50% Irel max
IF=20mA
24
38
28
nm
Viewing angle at 50% IV
IF=20mA
2
½
120
120
120
Deg.
VF(avg)
2.0
3.4
3.4
V
Forward voltage
IF=20mA
VF(max)
2.5
4.0
4.0
V
Iv(Min)
180
280
71
mcd
Luminous Intensity
IF=20mA
Iv(Avg)
300
450
110
mcd
Reverse current
(max.)
VR=5V
IR
10
10
10
A


同様の部品番号 - LM1-PPP1-01-N1

メーカー部品番号データシート部品情報
logo
Marktech Corporate
LM1-PPP1-01-N1-MT MARKTECH-LM1-PPP1-01-N1-MT Datasheet
381Kb / 6P
   120 Degree 3.2 x 2.8mm SMT-LED
More results

同様の説明 - LM1-PPP1-01-N1

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com