データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1-PWN1-11-N1 データシート(PDF) 4 Page - Cree, Inc

部品番号 LM1-PWN1-11-N1
部品情報  SMD LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

LM1-PWN1-11-N1 データシート(HTML) 4 Page - Cree, Inc

  LM1-PWN1-11-N1 Datasheet HTML 1Page - Cree, Inc LM1-PWN1-11-N1 Datasheet HTML 2Page - Cree, Inc LM1-PWN1-11-N1 Datasheet HTML 3Page - Cree, Inc LM1-PWN1-11-N1 Datasheet HTML 4Page - Cree, Inc LM1-PWN1-11-N1 Datasheet HTML 5Page - Cree, Inc LM1-PWN1-11-N1 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.

CLD-CT5.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Graphs
5/5
Format #: COTCO-D-074
REV.4
Document No. SPE/LM1-PWN1-11-N1
Rev. No.
03
G
Grraapphhss
REVERSE VOLTAGE.
FIG.2 REVERSE CURRENT VS.
Half Power WL=150nm
700
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
25%
WAVELENGTH.
500
400
0%
600
100%
75%
50%
Vr(V)
-50
-40
-30
-20
800
-50.0
-40.0
-30.0
Ir(uA)
-10.0
-20.0
0.0
-10
0
FIG.6 FAR FIELD PATTERN.
-90
-60
-30
90
0
30
60
0%
20%
40%
60%
80%
50% Power Angle :
Ie(%)
0
100%
80.0
FIG.3 RELATIVE LUMINOUS INTENSITY VS.
FIG.5 MAXIMUM FORWARD DC CURRENT VS
TEMPERATURE. DERATING BASED ON Tjmax=110 C
4.6
FIG.1 FORWARD CURRENT VS.
0.5
0
0
10
30
20
20
40
60
80
Rth j-a=350 C/W
0.0
FORWARD CURRENT
IF(mA)
50
40
0.0
Rth j-s=200 C/W
40.0
20.0
60.0
FORWARD VOLTAGE.
1.0
1.5
2.0
2.5
3.0
0.0
20.0
60.0
40.0
80.0
3.8
3.4
4.2
100.0
If (mA)
T ( C)
100
100.0
If(mA)
Vf(V)
5.0
Items
Signatures
Date
Revision History
Prepared by
Rev.No
Date
Change Description
WangFJ
2007-04-26
Checked by
02
2005-08-09 Release.
XieJH
2007-04-26
Approved by
03
2007-04-26
DavidLiu
2007-04-26
Change tolerance of CIE(x,y) from +/-0.015 to +/-0.01
FCN#
FCN20070103
Data is subject to change without prior notice; please refer to COTCO Website for the latest version.
Copyright@2002 Cotco International Ltd.


同様の部品番号 - LM1-PWN1-11-N1

メーカー部品番号データシート部品情報
logo
Cree, Inc
LM1-PWN1-01-N1 CREE-LM1-PWN1-01-N1 Datasheet
359Kb / 6P
   SMD LED
More results

同様の説明 - LM1-PWN1-11-N1

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com