データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1-PWR1-01-N1 データシート(PDF) 5 Page - Cree, Inc

部品番号 LM1-PWR1-01-N1
部品情報  SMD LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

LM1-PWR1-01-N1 データシート(HTML) 5 Page - Cree, Inc

  LM1-PWR1-01-N1 Datasheet HTML 1Page - Cree, Inc LM1-PWR1-01-N1 Datasheet HTML 2Page - Cree, Inc LM1-PWR1-01-N1 Datasheet HTML 3Page - Cree, Inc LM1-PWR1-01-N1 Datasheet HTML 4Page - Cree, Inc LM1-PWR1-01-N1 Datasheet HTML 5Page - Cree, Inc LM1-PWR1-01-N1 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
5
CLD-CT52.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Mechanical Dimensions
All dimensions are in mm.
Notes
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or
otherwise restricted materials in this product are below the maximum concentration values (also referred to as the
threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Direc-
tive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(RoHS), as amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.
Rev. No.
03
2/5
Format #: COTCO-D-074
REV.4
Document No. SPE/LM1-PWR1-01-N1
A
Apppplliiccaattiioonnss::
D
Diim
meennssiioonn D
Drraaw
wiinngg
- Indicators
Illuminations
-
LCD Back Lights
-
Automobile’s Applications
-
A
Abbssoolluuttee M
Maaxxiim
muum
m R
Raattiinnggss aatt TTaa == 2255
°C
Items
Symbol
Absolute maximum
Rating
Unit
25
I
mA
Forward Current
F
100
I
mA
Peak Forward Current*
FP
5
V
V
Reverse Voltage
R
100
P
mW
Power Dissipation
D
-40 ~ + 100
T
°C
Operation Temperature
opr
-40 ~ + 100
T
°C
Storage Temperature
stg
Junction temperature
Tj
+110
°C
Junction/ambient **
R
450
°C/W
th JA
Junction/solder point
Rth JS
300
°C/W
2
*pulse width <=0.1msec duty <=1/10 **
Rth test condition: Mounted on PC Board FR 4(pad size>=16mm )
TTyyppiiccaall E
Elleeccttrriiccaall &
& O
Oppttiiccaall C
Chhaarraacctteerriissttiiccss (( TTaa == 2255
°C))
Items
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
V
I = 20mA
---
3.4
4.0
V
F
F
Reverse Current
I
V = 5V
---
---
100
A
R
R
Luminous Intensity
I
I
V
F = 20mA
mcd
355
470
---
Color Temperature
CCT
IF = 20mA
---
3200
---
K
x
I = 20mA
---
0.426
---
---
F
Chromaticity
Coordinates
= 20mA
---
0.407
---
---
y
IF
50% Power Angle
I = 20mA
---
120
---
deg
2
½
F


同様の部品番号 - LM1-PWR1-01-N1

メーカー部品番号データシート部品情報
logo
Cree, Inc
LM1-PWR1-11-N1 CREE-LM1-PWR1-11-N1 Datasheet
354Kb / 6P
   SMD LED
More results

同様の説明 - LM1-PWR1-01-N1

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com