データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1-THR1-11-N1 データシート(PDF) 1 Page - Cree, Inc

部品番号 LM1-THR1-11-N1
部品情報  SMD LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

LM1-THR1-11-N1 データシート(HTML) 1 Page - Cree, Inc

  LM1-THR1-11-N1 Datasheet HTML 1Page - Cree, Inc LM1-THR1-11-N1 Datasheet HTML 2Page - Cree, Inc LM1-THR1-11-N1 Datasheet HTML 3Page - Cree, Inc LM1-THR1-11-N1 Datasheet HTML 4Page - Cree, Inc LM1-THR1-11-N1 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

Subject to change without notice.
www.cree.com/ledlamps
Cree® SMD LED
Model # LM-THR--N
Data Sheet
120-degree, 3.2 x 2.7 mm, power SMD LED in red color with water-transparent lens
Applications
Indicators
Illuminations
LCD Back Lights
Automobile Applications
RGB Full-Color Displays
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Forward Current
I
F
70
mA
Peak Forward Current Note 1
I
FP
200
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
225
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Junction Temperature
T
J
110
°C
Junction/Ambient Note 2
R
THJA
300
°C/W
Junction/Solder Point
R
THJS
150
°C/W
Notes:
Pulse width ≤0.1 msec, duty ≤1/10.
Rth test condition: mounted on PCB FR4 (pad size ≥16 mm2)
Typical Electrical & Optical Characteristics (T
A = 25°C )
Characteristics
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
V
F
I
F = 50 mA
V
2.5
3.2
Reverse Current
I
R
V
R = 5 V
A
10
Luminous Intensity
I
V
I
F = 50 mA
mcd
560
900
Dominant Wavelength
D
I
F = 50 mA
nm
620
628
635
50% Power Angle
I
F = 50 mA
deg
120
1.
2.


同様の部品番号 - LM1-THR1-11-N1

メーカー部品番号データシート部品情報
logo
Cree, Inc
LM1-THR1-01-N1 CREE-LM1-THR1-01-N1 Datasheet
327Kb / 5P
   SMD LED
More results

同様の説明 - LM1-THR1-11-N1

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com