データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1-THR1-11-N1 データシート(PDF) 2 Page - Cree, Inc

部品番号 LM1-THR1-11-N1
部品情報  SMD LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

LM1-THR1-11-N1 データシート(HTML) 2 Page - Cree, Inc

  LM1-THR1-11-N1 Datasheet HTML 1Page - Cree, Inc LM1-THR1-11-N1 Datasheet HTML 2Page - Cree, Inc LM1-THR1-11-N1 Datasheet HTML 3Page - Cree, Inc LM1-THR1-11-N1 Datasheet HTML 4Page - Cree, Inc LM1-THR1-11-N1 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
2
CLD-CT83.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Standard Bins for LM-THR--N (I
F = 50 mA)
Lamps are sorted to luminous intensity (I
V) and dominant wavelength ( D) bins shown.
Orders for LM1-TYL1-11-N1 may be filled with any or all bins contained as below.
All luminous intensity (I
V) and dominant wavelength ( D) values shown and specified are at IF = 50 mA.
W2 or
above
W1
V2
V1
U2
Important Notes:
All ranks will be included per delivery; rank ratio will be based on the dice distribution.
Tolerance of measurement of luminous intensity is ±10%.
Tolerance of measurement of the dominant wavelength is ±1 nm.
Tolerance of measurement of V
F is ±0.05 V.
Packaging methods are available for selection; please refer to the “Cree LED Lamp Packaging Standard” docu-
ment.
Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.
1.
2.
3.
4.
5.
6.
7.
635 nm
620 nm
Dominant Wavelength (
D)
1400 mcd
1120 mcd
900 mcd
710 mcd
560 mcd


同様の部品番号 - LM1-THR1-11-N1

メーカー部品番号データシート部品情報
logo
Cree, Inc
LM1-THR1-01-N1 CREE-LM1-THR1-01-N1 Datasheet
327Kb / 5P
   SMD LED
More results

同様の説明 - LM1-THR1-11-N1

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com