データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1-TYL1-11-N1 データシート(PDF) 3 Page - Cree, Inc

部品番号 LM1-TYL1-11-N1
部品情報  SMD LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

LM1-TYL1-11-N1 データシート(HTML) 3 Page - Cree, Inc

  LM1-TYL1-11-N1 Datasheet HTML 1Page - Cree, Inc LM1-TYL1-11-N1 Datasheet HTML 2Page - Cree, Inc LM1-TYL1-11-N1 Datasheet HTML 3Page - Cree, Inc LM1-TYL1-11-N1 Datasheet HTML 4Page - Cree, Inc LM1-TYL1-11-N1 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.

CLD-CT85.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Graphs
4/4
Format #: COTCO-D-074
REV.4
Document No. SPE/LM1-TYL1-11-N1
Rev. No.
02
G
Grraapphhss
FIG.2 REVERSE CURRENT VS.
REVERSE VOLTAGE.
-40
-60
Vr(V)
-50
Ir(uA)
-50.0
-30.0
-40.0
-20.0
-20
-30
-10.0
0.0
-10
100.0
3.0
FORWARD CURRENT.
0.0
0.0
60.0
20.0 40.0
80.0
2.0
0.5
1.0
1.5
2.5
80.0
2.2
FORWARD VOLTAGE.
FIG.1 FORWARD CURRENT VS.
2.0
0.0
40.0
20.0
60.0
2.6
2.4
2.8
If (mA)
100.0
If(mA)
Vf(V)
FIG.3 RELATIVE LUMINOUS INTENSITY VS.
40
TEMPERATURE. DERATING BASED ON Tjmax=110 C
FIG.5 MAXIMUM FORWARD DC CURRENT VS
0
20
0
T ( C)
80
60
100
Rth j-a=300 C/W
Rth j-s=150 C/W
20
40
60
80
100
IF(mA)
Domi WL= 591nm
Half Power WL=20nm
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
500
400
WAVELENGTH.
75%
0%
50%
25%
100%
800
700
600
WL(nm)
WL(nm)
80%
-30
FIG.6 FAR FIELD PATTERN
-90
-60
0
30
60
90 0%
20%
40%
60%
50% Power Angle :
Ie(%)
0
100%
Items
Signatures
Date
Revision History
Prepared by
Rev.No
Date
Change Description
Meiliping
2005-08-17
Checked by
02
2005-08-17 Release.
XieJH
2005-08-17
Approved by
DavidLiu
2005-08-17
FCN#
FCN20050260
Data is subject to change without prior notice; please refer to COTCO Website for the latest version.
Copyright@2002 Cotco International Ltd.


同様の部品番号 - LM1-TYL1-11-N1

メーカー部品番号データシート部品情報
logo
Marktech Corporate
LM1-TYL1-11 MARKTECH-LM1-TYL1-11 Datasheet
229Kb / 2P
   AlGalnP Amber Power SMT LED
More results

同様の説明 - LM1-TYL1-11-N1

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com