データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DS2430A データシート(PDF) 12 Page - Dallas Semiconductor

部品番号 DS2430A
部品情報  256-Bit 1-Wire EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DALLAS [Dallas Semiconductor]
ホームページ  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2430A データシート(HTML) 12 Page - Dallas Semiconductor

Back Button DS2430A Datasheet HTML 8Page - Dallas Semiconductor DS2430A Datasheet HTML 9Page - Dallas Semiconductor DS2430A Datasheet HTML 10Page - Dallas Semiconductor DS2430A Datasheet HTML 11Page - Dallas Semiconductor DS2430A Datasheet HTML 12Page - Dallas Semiconductor DS2430A Datasheet HTML 13Page - Dallas Semiconductor DS2430A Datasheet HTML 14Page - Dallas Semiconductor DS2430A Datasheet HTML 15Page - Dallas Semiconductor DS2430A Datasheet HTML 16Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
DS2430A
12 of 16
After one complete pass, the bus master knows the contents of the ROM in one device. The remaining
number of devices and their ROM codes may be identified by additional passes. See Application Note
187 for a comprehensive discussion of a search ROM, including an actual example.
1-Wire Signaling
The DS2430A requires strict protocols to insure data integrity. The protocol consists of four types of
signaling on one line: Reset Sequence with Reset Pulse and Presence Pulse, Write 0, Write 1 and Read
Data. All these signals (except Presence Pulse) are initiated by the bus master. The initialization sequence
required to begin any communication with the DS2430A is shown in Figure 9. A Reset Pulse followed by
a Presence Pulse indicates the DS2430A is ready to accept a ROM command. The bus master transmits
(TX) a Reset Pulse (tRSTL, minimum 480µs). The bus master then releases the line and goes into receive
mode (RX). The 1-Wire bus is pulled to a high state via the pullup resistor. After detecting the rising edge
on the data pin, the DS2430A waits (tPDH, 15µs to 60µs) and then transmits the Presence Pulse (tPDL, 60µs
to 240µs).
INITIALIZATION PROCEDURE “RESET AND PRESENCE PULSES” Figure 9
In order not to mask interrupt signaling by other devices on the 1-Wire bus, tRSTL + tR should always be
less than 960µs.
Read/Write Time Slots
The definitions of write and read time slots are illustrated in Figure 10. All time slots are initiated by the
master driving the data line low. The falling edge of the data line synchronizes the DS2430A to the
master by triggering a delay circuit in the DS2430A. During write time slots, the delay circuit determines
when the DS2430A will sample the data line. For a read data time slot, if a “0” is to be transmitted, the
delay circuit determines how long the DS2430A will hold the data line low overriding the 1 generated by
the master. If the data bit is a “1”, the DS2430A will leave the read data time slot unchanged.


同様の部品番号 - DS2430A

メーカー部品番号データシート部品情報
logo
Dallas Semiconductor
DS2430A DALLAS-DS2430A Datasheet
357Kb / 16P
   256-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2430A MAXIM-DS2430A Datasheet
624Kb / 19P
   256-Bit 1-Wire EEPROM
4/10
DS2430A MAXIM-DS2430A Datasheet
866Kb / 19P
   256-Bit 1-Wire EEPROM
Rev 2/12
logo
List of Unclassifed Man...
DS2430A ETC2-DS2430A Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Maxim Integrated Produc...
DS2430A++ MAXIM-DS2430A+ Datasheet
624Kb / 19P
   256-Bit 1-Wire EEPROM
4/10
More results

同様の説明 - DS2430A

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
DS2430A MAXIM-DS2430A Datasheet
624Kb / 19P
   256-Bit 1-Wire EEPROM
4/10
logo
Dallas Semiconductor
DS2430A DALLAS-DS2430A Datasheet
357Kb / 16P
   256-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2430A MAXIM-DS2430A_12 Datasheet
866Kb / 19P
   256-Bit 1-Wire EEPROM
Rev 2/12
DS28E15 MAXIM-DS28E15 Datasheet
780Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 512-Bit User EEPROM
Rev 0; 6/12
DS2431 MAXIM-DS2431_12 Datasheet
663Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 12; 2/12
DS2431_1203 MAXIM-DS2431_1203 Datasheet
334Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431 MAXIM-DS2431_08 Datasheet
283Kb / 25P
   1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
DS2431 MAXIM-DS2431_09 Datasheet
274Kb / 26P
   1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
DS2431 MAXIM-DS2431_V01 Datasheet
909Kb / 27P
   1024-Bit, 1-Wire EEPROM
2021
logo
Dallas Semiconductor
DS2433 DALLAS-DS2433 Datasheet
588Kb / 19P
   4k-Bit 1-Wire EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com