データシートサーチシステム |
|
TS1854IN データシート(PDF) 6 Page - STMicroelectronics |
|
TS1854IN データシート(HTML) 6 Page - STMicroelectronics |
6 / 25 page Electrical characteristics TS1851-TS1852-TS1854 6/25 Table 4. Electrical characteristics measured at VCC = +3V, Vdd = 0V, with CL & RL connected to VCC/2, Tamb = 25°C (unless otherwise specified) (1) Symbol Parameter Conditions Min. Typ. Max. Unit Vio Input offset voltage Vicm = Vout = VCC/2 TS1851/2/4 Tmin ≤ Tamb ≤ Tmax TS1851A/2A/4A Tmin ≤ Tamb ≤ Tmax 0.1 3 6 1 1.5 mV ΔVio Input offset voltage drift 2 μV/°C Iio Input offset current Vicm = Vout = VCC/2 (2) Tmin ≤ Tamb ≤ Tmax 19 25 nA Iib Input bias current Vicm = Vout = VCC/2 (2) Tmin ≤ Tamb ≤ Tmax 10 55 85 nA CMR Common mode rejection ratio 20 log ( ΔVic/ΔVio) 0 ≤ Vicm ≤ VCC Tmin ≤ Tamb ≤ Tmax 60 57 90 dB Avd Large signal voltage gain Vout = 0.5V to 2.5V RL = 10kΩ RL = 2kΩ 83 74 99 90 dB VOH High level output voltage Vid = 100mV RL = 10kΩ RL = 2kΩ Tmin ≤ Tamb ≤ Tmax, RL = 10kΩ Tmin ≤ Tamb ≤ Tmax, RL = 2kΩ 2.9 2.85 2.9 2.85 2.96 2.94 V VOL Low level output voltage Vid = -100mV RL = 10kΩ RL = 2kΩ Tmin ≤ Tamb ≤ Tmax, RL = 10kΩ Tmin ≤ Tamb ≤ Tmax, RL = 2kΩ 10 46 90 100 120 130 mV Io Output source current Vid = 100mV, VO = VDD 247 mA Output sink current Vid = -100mV, VO = VCC 247 ICC Supply current (per amplifier) Vout = VCC/2 AVCL = 1, no load Tmin ≤ Tamb ≤ Tmax 150 200 230 μA GBP Gain bandwidth product RL = 10kΩ, CL = 100pF, f = 100kHz 370 600 kHz SR Slew rate RL = 10kΩ, CL = 100pF, AV = 1 0.12 0.2 V/ μs φm Phase margin CL = 100pF 60 Degrees en Input voltage noise f = 1kHz 40 nV/ √Hz THD Total harmonic distortion Vout=2Vpk-pk, AV = -1, f = 1kHz 0.005 % 1. All parameter limits at temperatures other than 25°C are guaranteed by correlation. 2. Maximum values include unavoidable inaccuracies of the industrial tests. |
同様の部品番号 - TS1854IN |
|
同様の説明 - TS1854IN |