データシートサーチシステム |
|
TC1265-1.8VOATR データシート(PDF) 8 Page - Microchip Technology |
|
TC1265-1.8VOATR データシート(HTML) 8 Page - Microchip Technology |
8 / 18 page TC1265 DS21376D-page 8 © 2006 Microchip Technology Inc. 5.0 THERMAL CONSIDERATIONS 5.1 Thermal Shutdown Integrated thermal protection circuitry shuts the regulator off when die temperature exceeds 160°C. The regulator remains off until the die temperature drops to approximately 150°C. 5.2 Power Dissipation The amount of power the regulator dissipates is primarily a function of input voltage, output voltage and output current. The following equation is used to calculate worst-case actual power dissipation: EQUATION 5-1: The maximum allowable power dissipation (Equation 5-2) is a function of the maximum ambient temperature (TAMAX), the maximum allowable die temperature (TJMAX) and the thermal resistance from junction-to-air ( θJA). EQUATION 5-2: Table 5-1 and Table 5-2 show various values of θJA for the TC1265 package types. TABLE 5-1: THERMAL RESISTANCE GUIDELINES FOR TC1265 IN 8-PIN SOIC PACKAGE TABLE 5-2: THERMAL RESISTANCE GUIDELINES FOR TC1265 IN 5-PIN DDPAK/TO-220 PACKAGE Equation 5-1 can be used in conjunction with Equation 5-2 to ensure regulator thermal operation is within limits. For example: Find: 1. Actual power dissipation 2. Maximum allowable dissipation Actual power dissipation: Maximum allowable power dissipation: In this example, the TC1265 dissipates a maximum of 260 mW, below the allowable limit of 500 mW. In a similar manner, Equation 5-1 and Equation 5-2 can be used to calculate maximum current and/or input voltage limits. For example, the maximum allowable VIN is found by substituting the maximum allowable power dissipation of 500 mW into Equation 5-1, from which VINMAX = 4.6V. Copper Area (Topside)* Copper Area (Backside) Board Area Thermal Resistance (θJA) 2500 sq mm 2500 sq mm 2500 sq mm 60°C/W 1000 sq mm 2500 sq mm 2500 sq mm 60°C/W 225 sq mm 2500 sq mm 2500 sq mm 68°C/W 100 sq mm 2500 sq mm 2500 sq mm 74°C/W * Pin 2 is ground. Device is mounted on the top-side. Where: VINMAX VOUTMIN ILOADMAX PD = Worst-case actual power dissipation = Minimum regulator output voltage = Maximum output (load) current = Maximum voltage on VIN PD VINMAX VOUTMIN – ()I LOADMAX = Where: VINMAX VOUTMIN ILOADMAX PD = Worst-case actual power dissipation = Minimum regulator output voltage = Maximum output (load) current = Maximum voltage on VIN PDMAX TJMAX TAMAX – θ JA --------------------------------------- = Copper Area (Topside)* Copper Area (Backside) Board Area Thermal Resistance (θJA) 2500 sq mm 2500 sq mm 2500 sq mm 25°C/W 1000 sq mm 2500 sq mm 2500 sq mm 27°C/W 125 sq mm 2500 sq mm 2500 sq mm 35°C/W * Tab of device attached to top-side copper Given: VINMAX =3.3V ± 10% VOUTMIN = 2.7V ± 0.5% ILOADMAX =275 mA TJMAX = 125°C TAMAX =95°C θJA = 60°C/W (SOIC) PD VINMAX VOUTMIN – ()I LOADMAX ≈ PD 3.3 1.1 × () 2.7 .995 × () – 275 10 3 – × = PD 260 mW = PDMAX TJMAX TAMAX – θ JA --------------------------------------- = PDMAX 125 95 – () 60 ------------------------- = PDMAX 500 mW = |
同様の部品番号 - TC1265-1.8VOATR |
|
同様の説明 - TC1265-1.8VOATR |