2 / 5 page
COMTECH TECHNOLOGY CO., LTD.
FM2400RTIM8B
Oct. 3, 2000
2
3. CURRENT CONSUMPTION Terminal Min. Typ. Max. Unit
+5V
190
240
290 mA
+12V
0.5
1.0
3.0
mA
Terminal Max. Supply Voltage
+5V
DC +5.25V
+12V
DC +30V
Terminal
Max. Take Off Current
B. B. Output
0.5 mA
under standard test condition
Test Channel: DBS 20 CH
Input Level: -45 dBm
unless otherwise specified
4. ABSOLUTE MAXIMUM VOLTAGE
5. ELECTRICAL SPECIFICATION
5-1 Input VSWR
5-2 Noise Figure
5-3 Local Leakage at
Input Terminal
5-4 Tuning Voltage Curve
5-5 Local Oscillator +B Shift
5-6 Local Oscillator
Temperature Drift
5-7 IF 3dB Bandwidth
5-8 AFT Output
(2 bit Output)
Min.
5V
-2
Typ.
2.0
3.5 dB
18
Max.
3.0
-63.0
10V
+/- 0.8
+/- 1.3
+2
Note
AGC fullgain
dBm
with tuing
PLL locked
MHz
MHz
Condition
2.4 ~ 2.4835 GHz
2.4 ~ 2.4835 GHz
1.920 ~ 2.4835 GHz
2.4 ~ 2.4835 GHz
tuning voltage shift
with +B +/- 5%
tuning voltage shift
with -10oC ~ +60oC
3dB down
Center Frequency
Error (f0)
H
L
400 KHz
Pin 5
Typ.
Pin 8